Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS25BATR Datasheet (PDF) - STMicroelectronics

LIS25BATR Datasheet PDF - STMicroelectronics
Part # LIS25BATR
Download  LIS25BATR Download
File Size   1022.24 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface

LIS25BATR Datasheet (PDF)

Go To PDF Page Download Datasheet
LIS25BATR Datasheet PDF - STMicroelectronics

Part # LIS25BATR
Download  LIS25BATR Click to download

File Size   1022.24 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface

LIS25BATR Datasheet (HTML) - STMicroelectronics


LIS25BATR Product details

Description
The LIS25BA is a low-noise high-bandwidth three-axis digital accelerometer with a dedicated TDM interface. The LIS25BA has a full scale of ±3.85 g and works with a Time-Division Multiplexing (TDM) interface. The LIS25BA is available in a small thin plastic land grid array package (LGA) and is guaranteed to operate over an extended temperature range from -40 °C to +85 °C. /*$ [[PP




Similar Part No. - LIS25BATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS25BA STMICROELECTRONICS-LIS25BA Datasheet
2Mb / 5P
3D digital accelerometer sensor kit based on LIS25BA
December 2019
More results


Similar Description - LIS25BATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302DL STMICROELECTRONICS-LIS302DL Datasheet
276Kb / 29P
MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output piccolo accelerometer
03-Oct-2006
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
28-Sep-2007
LIS302DL STMICROELECTRONICS-LIS302DL_07 Datasheet
613Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
25-Oct-2007
LIS331DL STMICROELECTRONICS-LIS331DL_08 Datasheet
647Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output -nano-accelerometer
16-Apr-2008
H3LIS331DL STMICROELECTRONICS-H3LIS331DL Datasheet
796Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
16-Jul-2013
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
MEMS motion sensor: 3-axis digital output gyroscope
14-Feb-2012
H3LIS200DL STMICROELECTRONICS-H3LIS200DL Datasheet
665Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
21-Apr-2015
AIS2IH STMICROELECTRONICS-AIS2IH Datasheet
1Mb / 63P
MEMS digital output motion sensor: high-performance 3-axis accelerometer for automobile applications
Rev 4
LIS2DU12 STMICROELECTRONICS-LIS2DU12 Datasheet
1Mb / 13P
MEMS digital output motion sensor: advanced ultra-low-power 3-axis accelerometer
28-Jun-2021
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
MEMS motion sensor three-axis digital output accelerometer
11-Oct-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com