Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS25BATR Datasheet(PDF) 8 Page - STMicroelectronics

Part # LIS25BATR
Description  MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS25BATR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LIS25BATR Datasheet HTML 4Page - STMicroelectronics LIS25BATR Datasheet HTML 5Page - STMicroelectronics LIS25BATR Datasheet HTML 6Page - STMicroelectronics LIS25BATR Datasheet HTML 7Page - STMicroelectronics LIS25BATR Datasheet HTML 8Page - STMicroelectronics LIS25BATR Datasheet HTML 9Page - STMicroelectronics LIS25BATR Datasheet HTML 10Page - STMicroelectronics LIS25BATR Datasheet HTML 11Page - STMicroelectronics LIS25BATR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Mechanical and electrical specifications
LIS25BA
8/32
DocID031510 Rev 4
2.2
Electrical characteristics
@ Vdd = 1.8 V, T = 25 °C unless otherwise noted(b).
b. The product is factory calibrated at 1.8 V. The operational power supply range is from 1.71 V to 1.99 V.
Table 4. Electrical characteristics (1)
Symbol
Parameter
Test conditions
Min.
Typ.(2)
Max.
Unit
Vdd
Supply voltage
1.71
1.8
1.99
V
IddT
Current consumption in
triaxial mode(3)
2.58
3.3
mA
IddB
Current consumption in
biaxial mode(3)
2.13
2.75
mA
IddM
Current consumption in
monoaxial mode(3)
1.68
2.2
mA
IddD0
Current consumption in
disabled mode
no external clock
switching(4)
10
uA
IddD1
Current consumption in
disabled mode
TDM standard clock
(MCLK = 12.288 MHz,
BCLK=3.072 MHz)(4)
205
uA
ODR
Output data rate
TDM @ 8 kHz
8
kHz
TDM @ 16 kHz
16
kHz
TDM @ 24 kHz
24
kHz
Tstart
Startup time
10
ms
VIH
Digital high-level
input voltage
all pins,
except pin 10 and 11
0.7*Vdd
V
pin 10 and 11
0.8*Vdd
V
VIL
Digital low-level input voltage
0.2*Vdd
V
VOH
High-level output voltage
IOH = 2 mA(5)
Vdd - 0.2
V
VOL
Low-level output voltage
IOL = 2 mA(5)
0.2
V
PSRIBX/Y
PSR in band
"Electrical noise" test mode.
Vdd = 1.8 V,
Vripple = 50 mVpp sin(2π
t)
Sweep
from 20 Hz to
20 kHz
See Figure 2
3.16
mgrms
PSRIBZ
6.32
mgrms
PSROBX/Y
PSR out of band
"Electrical noise" test mode.
Vdd = 1.8 V,
Vripple = 50 mVpp sin(2π
t)
Sweep
 from 1 MHz to
10 MHz
See Figure 3
31.6
mgrms
PSROBZ
63.2
mgrms
Top
Operating temperature range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com