Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS25BATR Datasheet(PDF) 13 Page - STMicroelectronics

Part # LIS25BATR
Description  MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS25BATR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LIS25BATR Datasheet HTML 9Page - STMicroelectronics LIS25BATR Datasheet HTML 10Page - STMicroelectronics LIS25BATR Datasheet HTML 11Page - STMicroelectronics LIS25BATR Datasheet HTML 12Page - STMicroelectronics LIS25BATR Datasheet HTML 13Page - STMicroelectronics LIS25BATR Datasheet HTML 14Page - STMicroelectronics LIS25BATR Datasheet HTML 15Page - STMicroelectronics LIS25BATR Datasheet HTML 16Page - STMicroelectronics LIS25BATR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
DocID031510 Rev 4
13/32
LIS25BA
TDM interface characteristics
32
Figure 5. I²C slave timing diagram
Note:
Measurement points are done at 0.2·Vdd and 0.8·Vdd, for both ports.
Table 8. I²C interface characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
f(SCL)
SCL
96
400
kHz
CSDA-N
SDA/SCL bus capacitance normal mode
RSDA = 2.5 kOhm
150
pF
CSDA-HS
SDA/SCL bus capacitance high speed
mode
RSDA = 2.5 kOhm
50
pF
RSDA
SDA/SCL pull-up resistance
2500
Ohm
tw(SCLL)
SCL clock low time
1.3
μs
tw(SCLH) SCL clock high time
0.6
tsu(SDA)
SDA setup time
100
ns
th(SDA)
SDA data hold time
0
0.9
μs
th(ST)
START condition hold time
0.6
μs
tsu(SR)
Repeated START condition setup time
0.6
tsu(SP)
STOP condition setup time
0.6
tw(SP:SR)
Bus free time between STOP and START
condition
1.3
I2C_HYST SDA/SCL minimum pulse width hysteresis
50
ns
1. Typical specifications are not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com