Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS25BATR Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS25BATR
Description  MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS25BATR Datasheet(HTML) 1 Page - STMicroelectronics

  LIS25BATR Datasheet HTML 1Page - STMicroelectronics LIS25BATR Datasheet HTML 2Page - STMicroelectronics LIS25BATR Datasheet HTML 3Page - STMicroelectronics LIS25BATR Datasheet HTML 4Page - STMicroelectronics LIS25BATR Datasheet HTML 5Page - STMicroelectronics LIS25BATR Datasheet HTML 6Page - STMicroelectronics LIS25BATR Datasheet HTML 7Page - STMicroelectronics LIS25BATR Datasheet HTML 8Page - STMicroelectronics LIS25BATR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
This is information on a product in full production.
May 2019
DocID031510 Rev 4
1/32
LIS25BA
MEMS digital output motion sensor:
low-noise, high-bandwidth 3-axis accelerometer with TDM interface
Datasheet
- production data
Features
 ±3.85 g full scale
 TDM slave interface
 Low noise
 Signal bandwidth 2400 Hz
 High, flat bandwidth
 16-bit data output
 20000 g high shock survivability
 Lead-free, ECOPACK, RoHS and “Green”
compliant
Description
The LIS25BA is a low-noise high-bandwidth
three-axis digital accelerometer with a dedicated
TDM interface.
The LIS25BA has a full scale of ±3.85 g and
works with a Time-Division Multiplexing (TDM)
interface.
The LIS25BA is available in a small thin plastic
land grid array package (LGA) and is guaranteed
to operate over an extended temperature range
from -40 °C to +85 °C.
Table 1. Device summary
Order codes
Temp.
range [°C]
Package
Packaging
LIS25BA
-40 to +85
LGA-14
Tray
LIS25BATR
-40 to +85
LGA-14
Tape and
reel
www.st.com


Similar Part No. - LIS25BATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS25BA STMICROELECTRONICS-LIS25BA Datasheet
2Mb / 5P
3D digital accelerometer sensor kit based on LIS25BA
December 2019
More results

Similar Description - LIS25BATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302DL STMICROELECTRONICS-LIS302DL Datasheet
276Kb / 29P
MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output piccolo accelerometer
03-Oct-2006
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
28-Sep-2007
LIS302DL STMICROELECTRONICS-LIS302DL_07 Datasheet
613Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
25-Oct-2007
LIS331DL STMICROELECTRONICS-LIS331DL_08 Datasheet
647Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output -nano-accelerometer
16-Apr-2008
H3LIS331DL STMICROELECTRONICS-H3LIS331DL Datasheet
796Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
16-Jul-2013
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
MEMS motion sensor: 3-axis digital output gyroscope
14-Feb-2012
H3LIS200DL STMICROELECTRONICS-H3LIS200DL Datasheet
665Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
21-Apr-2015
AIS2IH STMICROELECTRONICS-AIS2IH Datasheet
1Mb / 63P
MEMS digital output motion sensor: high-performance 3-axis accelerometer for automobile applications
Rev 4
LIS2DU12 STMICROELECTRONICS-LIS2DU12 Datasheet
1Mb / 13P
MEMS digital output motion sensor: advanced ultra-low-power 3-axis accelerometer
28-Jun-2021
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
MEMS motion sensor three-axis digital output accelerometer
11-Oct-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com