Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS25BATR Datasheet(PDF) 19 Page - STMicroelectronics

Part # LIS25BATR
Description  MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS25BATR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LIS25BATR Datasheet HTML 15Page - STMicroelectronics LIS25BATR Datasheet HTML 16Page - STMicroelectronics LIS25BATR Datasheet HTML 17Page - STMicroelectronics LIS25BATR Datasheet HTML 18Page - STMicroelectronics LIS25BATR Datasheet HTML 19Page - STMicroelectronics LIS25BATR Datasheet HTML 20Page - STMicroelectronics LIS25BATR Datasheet HTML 21Page - STMicroelectronics LIS25BATR Datasheet HTML 22Page - STMicroelectronics LIS25BATR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
DocID031510 Rev 4
19/32
LIS25BA
TDM interface specifications
32
4.5.3
Configuration 3
Delayed: SLOT0 data MSB is sampled on the second rising edge of BCLK after rising
edge of WCLK (delayed I²C register TDM_CTRL_REG (2Eh) bit 6 equal to one)
Data valid: data valid on the rising edge of BCLK (data_valid I²C register
TDM_CTRL_REG (2Eh) bit 5 equal to zero)
Figure 11. WCLK, SDOUT change on the falling edge of BCLK and are valid on the
rising edge of BCLK, delayed
Note:
Setup and hold times are defined in Table 6: TDM interface characteristics.
4.5.4
Configuration 4
Delayed: SLOT0 data MSB is sampled on the second falling edge of BCLK after rising
edge of WCLK (delayed I²C register TDM_CTRL_REG (2Eh) bit 6 equal to one)
Data valid: data valid on the falling edge of BCLK (data_valid I²C register
TDM_CTRL_REG (2Eh) bit 5 equal to one)
Figure 12. WCLK, SDOUT change on the rising edge of BCLK and are valid on the
falling edge of BCLK, delayed
Note:
Setup and hold times are defined in Table 6: TDM interface characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com