Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS9C25512M2018L Datasheet(PDF) 17 Page - Alliance Semiconductor Corporation

Part # AS9C25512M2018L
Description  2.5V 512/256K x 18 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS9C25512M2018L Datasheet(HTML) 17 Page - Alliance Semiconductor Corporation

Back Button AS9C25512M2018L Datasheet HTML 13Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 14Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 15Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 16Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 17Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 18Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 19Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 20Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 21Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
AS9C25512M2018L
AS9C25256M2018L
9/24/04, v.1.2
Alliance Semiconductor
P. 17 of 30
®
Interrupt timing wave form[2]
Notes:
1. Parameters tCYC,tCH and tCL are different in Flow-through and Pipeline mode of operation and can be different for different ports (Refer AC Timing characteristics).
2. Chip Selected (CE0 = L and CE1 =H). True for both ports.
3. Address indicated is the Internal Address used and is dependent on the Address counter control inputs for that cycle.
4. 7FFFF (3FFFF for AS9C25256M2018L) is the Mailbox for port B and 7FFFE (3FFFE for AS9C25256M2018L) is the Mailbox for port A.
5. “Aa” and “Ab” refer to any other valid address other than 7FFFF or 7FFFE (3FFFF or 3FFFE for AS9C25256M2018L).
tCYC[1]
tCH[1]
tCL[1]
CLKA
R/WA[2]
tWS
tWH
tAS
tAH
INTA
ADDRESSA[3]
CLKB
R/WB[2]
ADDRESSB[3]
INTB
7FFFF
tWH
tWS
tCYC[1]
tCH[1]
tCL[1]
tSINT
tRINT
tSINT
tRINT
tAH
tAS
7FFFF
7FFFE
7FFFF
7FFFE
7FFFE
Don’t care
[4]
[4]
Aa
Aa
Aa
Aa
Ab
Ab
Ab
Ab
[5]
[5]
Aa
Ab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com