Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS9C25512M2018L Datasheet(PDF) 27 Page - Alliance Semiconductor Corporation

Part # AS9C25512M2018L
Description  2.5V 512/256K x 18 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS9C25512M2018L Datasheet(HTML) 27 Page - Alliance Semiconductor Corporation

Back Button AS9C25512M2018L Datasheet HTML 22Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 23Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 24Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 25Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 26Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 27Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 28Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 29Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 30Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
AS9C25512M2018L
AS9C25256M2018L
9/24/04, v.1.2
Alliance Semiconductor
P. 27 of 30
®
Package Diagram: 208-ball fine pitch Ball Grid Array (fpBGA)
16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1
ooooooooooooooooo
ooooooooooooooooo
ooooooooooooooooo
ooooooooooooooooo
oooo
oooo
oooo
oooo
oooo
oooo
oooo
oooo
oooo
oooo
oooo
oooo
oooo
oooo
oooo
oooo
oooo
oooo
ooooooooooooooooo
ooooooooooooooooo
ooooooooooooooooo
ooooooooooooooooo
ooooooooooooooooo
/ 0.45±0.05 (208X)
Ø 0.08
Ø 0.15
A1
corner
index
All measurements are in
mm.
Min
Typ
Max
A
0.80
B 14.95 15.00 15.05
C
12.80
D 14.95 15.00 15.05
E
12.80
F
0.26
G
0.25
0.40
H
1.40
I
0.40
0.45
0.50
J
0.70
Z
Z
XY
0.20 Z
Top View
Bottom View
Side View
Detail of Solder Ball
A
B
C
A
E
D
D
F
H
G
I
0.15 Z
M
M
+
12 345 678 9 10 11 12 13 14 15 16 17
o
++
+
+
+
+
17
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
o
o o
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com