Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS9C25512M2018L Datasheet(PDF) 29 Page - Alliance Semiconductor Corporation

Part # AS9C25512M2018L
Description  2.5V 512/256K x 18 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS9C25512M2018L Datasheet(HTML) 29 Page - Alliance Semiconductor Corporation

Back Button AS9C25512M2018L Datasheet HTML 22Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 23Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 24Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 25Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 26Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 27Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 28Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 29Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 30Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
AS9C25512M2018L
AS9C25256M2018L
9/24/04, v.1.2
Alliance Semiconductor
P. 29 of 30
®
Ordering Information
Part Numbering Guide
1. Alliance Semiconductor prefix
2. Speciality Memory
3. Operating Voltage: 25 - VDD = 2.5V
4. Device depth: 512 - 512K; 256 - 256K
5. M20 - Multiport - 2port, SSRAM, DCD
6. I/O width - 18
7. I/O interface: L - LVTTL
8. Clock speed (MHz)
9. Package Type: T - TQFP, B - BGA, F - fpBGA
10. Operating Temperature: C - Commercial (00C to 700C); I -Industrial (-400C to 850C)
Package & Width
-250
-200
-166
-133
512K X 18
BGA X 18
AS9C25512M2018L - 250BC
AS9C25512M2018L - 200BC
AS9C25512M2018L -166BC
AS9C25512M2018L - 133BC
AS9C25512M2018L - 250BI
AS9C25512M2018L - 200BI
AS9C25512M2018L - 166BI
AS9C25512M2018L - 133BI
fpBGA X 18
AS9C25512M2018L - 250FC
AS9C25512M2018L - 200FC
AS9C25512M2018L - 166FC
AS9C25512M2018L - 133FC
AS9C25512M2018L - 250FI
AS9C25512M2018L - 200FI
AS9C25512M2018L - 166FI
AS9C25512M2018L - 133FI
TQFP X 18
AS9C25512M2018L - 250TC
AS9C25512M2018L - 200TC
AS9C25512M2018L - 166TC
AS9C25512M2018L - 133TC
AS9C25512M2018L - 250TI
AS9C25512M2018L - 200TI
AS9C25512M2018L - 166TI
AS9C25512M2018L - 133TI
256K X 18
BGA X 18
AS9C25256M2018L - 250BC
AS9C25256M2018L - 200BC
AS9C25256M2018L -166BC
AS9C25256M2018L - 133BC
AS9C25256M2018L - 250BI
AS9C25256M2018L - 200BI
AS9C25256M2018L - 166BI
AS9C25256M2018L - 133BI
fpBGA X 18
AS9C25256M2018L - 250FC
AS9C25256M2018L - 200FC
AS9C25256M2018L - 166FC
AS9C25256M2018L - 133FC
AS9C25256M2018L - 250FI
AS9C25256M2018L - 200FI
AS9C25256M2018L - 166FI
AS9C25256M2018L - 133FI
TQFP X 18
AS9C25256M2018L - 250TC
AS9C25256M2018L - 200TC
AS9C25256M2018L - 166TC
AS9C25256M2018L - 133TC
AS9C25256M2018L - 250TI
AS9C25256M2018L - 200TI
AS9C25256M2018L - 166TI
AS9C25256M2018L - 133TI
AS
9C
25
512/256
M20
18
L
-XXX
T or B or F
C/I
1
234
567
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com