Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS9C25512M2018L Datasheet(PDF) 22 Page - Alliance Semiconductor Corporation

Part # AS9C25512M2018L
Description  2.5V 512/256K x 18 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS9C25512M2018L Datasheet(HTML) 22 Page - Alliance Semiconductor Corporation

Back Button AS9C25512M2018L Datasheet HTML 18Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 19Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 20Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 21Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 22Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 23Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 24Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 25Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 26Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
AS9C25512M2018L
AS9C25256M2018L
9/24/04, v.1.2
Alliance Semiconductor
P. 22 of 30
®
AC test conditions
Input Pulse Level (Address and Controls)
GND to 3.0V/GND to 2.4V
Input Pulse Levels (I/Os)
GND to 3.0V/GND to 2.4V
Input Rise/Fall Times
2V/ns
Input Timing Reference Levels
1.5V/1.25V
Output Reference levels
1.5V/1.25V
Output Load (for tLZC, tHZC, tLZOE, tHZOE)Fig. C
Output Load (for all other measurements)
Fig. B
Thevenin equivalent:
GND
10%
90%
90%
10%
+3.0/2.4 V
Figure A: Input Waveform
DOUT
Z0 = 50Ω
50
Ω
VL = 1.5/1.25 V
+3.3/2.5 V;
5 pF*
GND
Figure B: Output Load (A)
Figure C: Output Load (B)
* Including scope and jig capacitance
10 pF*
319
Ω / 1667Ω
353
Ω / 1538Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com