Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS9C25512M2018L Datasheet(PDF) 25 Page - Alliance Semiconductor Corporation

Part # AS9C25512M2018L
Description  2.5V 512/256K x 18 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS9C25512M2018L Datasheet(HTML) 25 Page - Alliance Semiconductor Corporation

Back Button AS9C25512M2018L Datasheet HTML 21Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 22Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 23Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 24Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 25Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 26Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 27Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 28Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 29Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
AS9C25512M2018L
AS9C25256M2018L
9/24/04, v.1.2
Alliance Semiconductor
P. 25 of 30
®
Identification register definitions
Scan register sizes
Instruction codes
Instruction field
Value
Description
Revision number (31:28)
TBD
Version Number
Device depth (27:12)
TBD
ALSC part number
JEDEC ID code (11:1)
00001010010
Manufacturer Identity Code
(ALSC)
Indicator Bit (0)
1
ID Register presence indicator
Register name
Bit size
Instruction Register (IR)
4
Bypass Register (BYR)
1
Identification Register (IDR)
32
Boundary Scan Register (BSR)
112
Instruction
Code
Description
Selected Reg
EXTEST
0000
Forces contents of the BSR onto the device outputs.
BSR
SAMPLE/PRELOAD
0001
Samples the I/O ring contents. Preloads test data into the
BSR.
BSR
IDCODE
0010
Loads the IDR with the vendor ID code and places the
register between TDI and TDO.
IDR
CLAMP
0011
Forces contents of the BSR onto the device outputs.
BYR
HIGHZ
0100
Forces all device 2-state and 3-state outputs to High-Z.
BYR
RESERVED
0101 - 1110 Reserved states. Do not use.
BYR
BYPASS
1111
Places the BYR between TDI and TDO.
BYR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com