Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS9C25512M2018L Datasheet(PDF) 20 Page - Alliance Semiconductor Corporation

Part # AS9C25512M2018L
Description  2.5V 512/256K x 18 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS9C25512M2018L Datasheet(HTML) 20 Page - Alliance Semiconductor Corporation

Back Button AS9C25512M2018L Datasheet HTML 16Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 17Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 18Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 19Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 20Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 21Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 22Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 23Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 24Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
AS9C25512M2018L
AS9C25256M2018L
9/24/04, v.1.2
Alliance Semiconductor
P. 20 of 30
®
Depth and Width expansion
AS9C25512M2018L/AS9C25256M2018L has two chipselects (one active high and other active low) for simple depth expansion. This
permits easy upgrade from 512/256K depth to 1M/512K depth without extra logic. Two such parts can also be combined to obtain an
expanded width of 36 bits or wider.
Notes:
1. A<0:18> for AS9C25512M2018L, A<0:17> for AS9C25256M2018L
2. A<0:19> for AS9C25512M2018L, A<0:18> for AS9C25256M2018L
3. A<19> for AS9C25512M2018L, A<18> for AS9C25256M2018L
Timing waveform of multi device read[4,5,6]
Notes:
1. Parameters tCYC, tCH and tCL are different in Flow-through and Pipeline mode of operation (Refer AC Timing characteristics).
2. A<0:18> for AS9C25512M2018L, A<0:17> for AS9C25256M2018L
3. A<19> for AS9C25512M2018L, A<18> for AS9C25256M2018L
4. Refer to the above block diagram for the assumed setup.
5. One Bank is assumed to have two AS9C25512M2018L/AS9C25256M2018Ls combined to have an expanded width of 36 bits. Two such Banks are used for depth expansion.
6. All BEn's = L, Counter set in “Load” mode (ADS = L, INC = X, RPT = H), OE =L.
RPT
INC
ADS
OE
BE<0:1>
R/W
CLK
CE1
CE0
RPT
INC
ADS
OE
BE<0:1>
R/W
CLK
CE1
CE0
Clock
Clock
Data
Address
Controller
Microprocessor
BANK 1
BANK 0
512/256Kx18
DPSRAM
DPSRAM
DQ<0:35>
A<0:19>[2]
512/256Kx18
tCH
tCL
tCYC[1]
CLK
R/W
A[19][3]
DATA OUT [0:35]
[Pipeline Mode]
(BANK 0)
(BANK 1)
DATA OUT [0:35]
A[0:18][2]
[Flow-through Mode]
[Pipeline Mode]
DATA OUT [0:35]
(BANK 0)
DATA OUT [0:35]
[Flow-through Mode]
(BANK 1)
tAS
tAH
tWS
tWH
A1
A2
A3
A4
A5
A6
A7
A8
tCDP
tOHP
tHZCP
tLZCP
Q1
Q2
Q4
Q3
tCDP
tOHP
tHZCP
tLZCP
tCDF
tOHF
tHZCF
tLZCF
Q4
Q1
Q2
Q3
tCDF
tOHF
tHZCF
Q5
Q6
Read
(Bank0)
(Bank0)
Read
(Bank1)
Read
Read
Read
Read
(Bank0)
(Bank1)
(Bank1)
Read
(Bank0)
tLZCF
Q5
Q6
Don’t care
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com