Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS9C25512M2018L Datasheet(PDF) 19 Page - Alliance Semiconductor Corporation

Part # AS9C25512M2018L
Description  2.5V 512/256K x 18 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS9C25512M2018L Datasheet(HTML) 19 Page - Alliance Semiconductor Corporation

Back Button AS9C25512M2018L Datasheet HTML 15Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 16Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 17Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 18Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 19Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 20Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 21Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 22Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 23Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
AS9C25512M2018L
AS9C25256M2018L
9/24/04, v.1.2
Alliance Semiconductor
P. 19 of 30
®
Collision timing waveform[2]
Notes:
1. Parameters tCYC,tCH and tCL are different in Flow-through and Pipeline mode of operation and can be different for different ports (Refer AC Timing characteristics).
2. Chip Selected (CE0 = L and CE1 =H). True for both ports.
3. Address indicated is the Internal Address used and is dependent on the Address counter control inputs for that cycle.
4. “Am” refers to matched address. “Aa” and “Ab” refer to any other valid address.
5. During address collision the data validity is guaranteed only if tCCO is greater than the minimum specified (Refer AC timing characteristics).
CLKA
ADDRESSA[3]
R/WA
Am
Aa
Am
Aa
Aa
Am
Aa
Am
Am
Am
Am
Aa
COLA
CLKB
ADDRESSB[3]
R/WB
Am
Ab
Am
Ab
Ab
Am
Ab
Am
Am
Am
Am
Ab
COLB
tCH[1]
tCYC[1]
tCL[1]
tWS
tAS
tAH
tCH[1]
tCL[1]
tCYC[1]
tAS
tAH
tWS
tWH
tCCO
tSCOL tRCOL
tSCOL
tRCOL
tWH
Don’t care
[5]
[4]
[4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com