Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM5CVF857 Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # ASM5CVF857
Description  2.5V Wide-Range Frequency Clock Driver (60MHz - 200MHz)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5CVF857 Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button ASM5CVF857 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 13Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 14Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
August 2004
ASM5CVF857
rev 1.2
2.5V Wide-Range Frequency Clock Driver (60 MHz
– 200 MHz)
10 of 15
Notice: The information in this document is subject to change without notice.
V
DD
V
(CLKT)
R = 60
V
DD
/2
ASM5CVF857
GND
V
(CLKC)
R = 60
Figure 1: IBIS Model Output Load
V
DD
/2
Z=50
R = 10 
SCOPE
Z=60
Z=60
Z=50
C = 14 pF
R = 10 
R = 50 
R = 50 
-V
DD
/2
-V
DD
/2
-V
DD
/2
ASM5CVF857
C = 14 pF
V
TT
V
TT
Note: V
TT
= GND
Figure 2: Output Load Test Circuit
V
DD
Z=120
SCOPE
Z=60
Z=60
C = 14 pF
R = 1 M
GND
GND
GND
ASM5CVF857
C = 14 pF
V
TT
V
TT
Note: V
TT
= GND
C = 1 pF
C = 1 pF
R = 1 M
Figure 3: Output Load Test Circuit for Crossing Point
t
c(n)
t
c(n+1)
t
jit(cc)
= t
c(n)
± t
c(n+1)
Y
X, FB_OUTC
Y
X, FB_OUTT
Figure 4: Cycle-to-Cycle Jitter Period
Parameter Measurement Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com