Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM5CVF857 Datasheet(PDF) 14 Page - Alliance Semiconductor Corporation

Part # ASM5CVF857
Description  2.5V Wide-Range Frequency Clock Driver (60MHz - 200MHz)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5CVF857 Datasheet(HTML) 14 Page - Alliance Semiconductor Corporation

Back Button ASM5CVF857 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 13Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 14Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 15Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
August 2004
ASM5CVF857
rev 1.2
2.5V Wide-Range Frequency Clock Driver (60 MHz
– 200 MHz)
14 of 15
Notice: The information in this document is subject to change without notice.
Ordering Codes
Ordering Number
Marking
Package Type
Quantity Per Reel
Temperature
ASM5CVF857-48TT
AS5CVF857T
48-pin TSSOP, tube
0°C to 70°C
ASM5CVF857-48TR
AS5CVF857T
48-pin TSSOP, tape & reel
2500
0°C to 70°C
ASM5CVF857-48VT
AS5CVF857V
48-pin TVSOP, tube
0°C to 70°C
ASM5CVF857-48VR
AS5CVF857V
48-pin TVSOP, tape & reel
2500
0°C to 70°C
ASM5CVF857-56BT
AS5CVF857B
56-pin Ball BGA, tube
0°C to 70°C
ASM5CVF857-56BR
AS5CVF857B
56-pin Ball BGA, tape & reel
2500
0°C to 70°C
ASM5CVF857-40QT
AS5CVF857M
40-pin QFN, tube
0°C to 70°C
ASM5CVF857-40QR
AS5CVF857M
40-pin QFN, tape & reel
2500
0°C to 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com