Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM5CVF857 Datasheet(PDF) 12 Page - Alliance Semiconductor Corporation

Part # ASM5CVF857
Description  2.5V Wide-Range Frequency Clock Driver (60MHz - 200MHz)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5CVF857 Datasheet(HTML) 12 Page - Alliance Semiconductor Corporation

Back Button ASM5CVF857 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 13Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 14Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 15Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
August 2004
ASM5CVF857
rev 1.2
2.5V Wide-Range Frequency Clock Driver (60 MHz
– 200 MHz)
12 of 15
Notice: The information in this document is subject to change without notice.
Package Dimensions (6.10mm (240 mil) body, 0.50mm (0.020 mil) pitch TSSOP)
Dimensions (mm)
Dimensions (inches)
Symbol
Min
Max
Min
Max
A
-
1.20
-
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.05
0.32
0.041
b
0.17
0.27
0.007
0.011
c
0.09
0.20
0.0035
0.008
D
See Variations
E
8.10 Basic
0.319 Basic
E1
6.00
6.20
0.236
0.244
e
0.50 Basic
0.20 Basic
L
0.45
0.75
0.018
0.030
N
See Variations
0°
8°
0°
8°
aaa
-
0.10
-
0.004
C
1 2
N
E1
E
D
Index Area
L
A
A1
A2
e
b
aaa
C
D
Seating Plane
D (MM)
D(inch)
Min
Max
Min
Max
48
12.40
12.60
0.488
0.496



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com