Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM5CVF857 Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # ASM5CVF857
Description  2.5V Wide-Range Frequency Clock Driver (60MHz - 200MHz)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5CVF857 Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  ASM5CVF857 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
August 2004
ASM5CVF857
rev 1.2
2.5V Wide-Range Frequency Clock Driver (60 MHz
– 200 MHz)
5 of 15
Notice: The information in this document is subject to change without notice.
Functionality
Inputs
Outputs
PLL State
AVDD
PDB
CLK_INT
CLK_INC
CLKT
CLKC
FB_OUTT
FB_OUTC
GND
H
L
H
L
H
L
H
Bypassed/Off
GND
H
H
L
H
L
H
L
Bypassed/Off
2.5V (nom)
L
L
H
Z
Z
Z
Z
off
2.5V (nom)
L
H
L
Z
Z
Z
Z
off
2.5V (nom)
H
L
H
L
H
L
H
on
2.5V (nom)
H
H
L
H
L
H
L
on
2.5V (nom)
X
<20 MHz
Z
Z
Z
Z
off
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Supply voltage (VDD and AVDD)
-0.5
3.6
V
Logic Inputs
GND - 0.5
VDD + 0.5
V
Ambient Operating Temperature
0
85
ûC
Storage Temperature
-65
150
ûC
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for
prolonged periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com