Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM5CVF857 Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # ASM5CVF857
Description  2.5V Wide-Range Frequency Clock Driver (60MHz - 200MHz)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5CVF857 Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button ASM5CVF857 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 13Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 14Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 15Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
August 2004
ASM5CVF857
rev 1.2
2.5V Wide-Range Frequency Clock Driver (60 MHz
– 200 MHz)
11 of 15
Notice: The information in this document is subject to change without notice.
Y
X, FB_OUTC
Y
X
, FB_OUTT
Y
X
Y
X
t
(skew)
Figure 6: Output Skew
thalf period n
t
half period n+1
fo= average input frequency measured at CLK_INT/CLK_INC
n = any half cycle
Figure 8: Half-Period Jitter
YX, FB_OUTC
YX, FB_OUTT
Y , FB_OUTC
Y
Y
Y
t
c(n)
fo= average input frequency measured at CLK_INT/CLK_INC
Figure 7: Period Jitter
X
X, FB_OUTC
X, FB_OUTT
X, FB_OUTT
CLK_INC
CLK_INT
FB_INC
FB_INT
(N > 1000 samples)
t(  n+1
t( n
Figure 5: Static Phase Offset
80%
Clock inputs and outputs
Figure 9: Input and Output Slew rates
20%
VID ,VOD
t
r(i) , tr(o)
t
f(i) , tf(o)
80%
20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com