Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM5CVF857 Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # ASM5CVF857
Description  2.5V Wide-Range Frequency Clock Driver (60MHz - 200MHz)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5CVF857 Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button ASM5CVF857 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 13Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
August 2004
ASM5CVF857
rev 1.2
2.5V Wide-Range Frequency Clock Driver (60 MHz
– 200 MHz)
9 of 15
Notice: The information in this document is subject to change without notice.
Switching Characteristics**
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Low-to-high level propagation delay time
tPLH
*
CLK_IN to any output
3.5
ns
High-to-low level propagation delay time
tPHL
*
CLK_IN to any output
3.5
ns
Output enable time
ten
PDB to any output
3
ns
Output disable time
tdis
PDB to any output
3
ns
Period Jitter
tjit(per)
100MHz to 200MHz
-30
30
ps
Half-period jitter
tjit(hper)
100MHz to 200MHz
-75
75
ps
Input clock slew rate
tsl(I)
1
4
v/ns
Output clock slew rate
tsl(o)
100/133/167/200 MHz
1
2
v/ns
Cycle-to-cycle jitter
tcyc-tcyc
100 MHz to 200MHz
-50
50
ps
Static phase offset
t(phase error)
#
-50
0
50
ps
Output-to-output skew
tskew
40
60
ps
The PLL on the ASM5CVF857 is capable of meeting all the above parameters while supporting SSC synthesizers with
the following parameters.
SSC modulation frequency
30.00
50.00
kHz
SSC clock input frequency deviation
0.00
-0.50
%
PLL loop bandwidth
2
MHz
Phase angle
-0.031
°
*: Refers to transition on non-inverting output in PLL bypass mode.
#: Static phase offset does not include jitter.
** TA = 0 û 85úC. Supply voltage AVDD, VDD=2.5V ± 0.2V (unless otherwise stated).
Note: While the pulse skew is almost constant over frequency, the duty cycle error increases at higher frequencies. This
is due to the formula: duty cycle = tWH/tC where the cycle (tC) decreases as the frequency goes up.
Note: Switching characteristics guaranteed for application frequency range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com