Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM5CVF857 Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # ASM5CVF857
Description  2.5V Wide-Range Frequency Clock Driver (60MHz - 200MHz)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5CVF857 Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button ASM5CVF857 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
August 2004
ASM5CVF857
rev 1.2
2.5V Wide-Range Frequency Clock Driver (60 MHz
– 200 MHz)
7 of 15
Notice: The information in this document is subject to change without notice.
Recommended Operating Conditions
TA = 0°C to 85°C. Supply voltage AVDD and VDD=2.5V ± 0.2V (unless otherwise stated).
Parameter**
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD, AVDD
2.3
2.5
2.7
V
Low level input
voltage
VIL
CLK_INT, CLK_INC, FB_INT,
FB_INC
0.4
VDD/2 - 0.18
V
VIH
CLK_INT, CLK_INC, FB_INT,
FB_INC
VDD/2 + 0.18
2.1
V
High level input
voltage
PDB
1.7
VDD + 0.3
V
DC input signal
voltage
#
VIN
-0.3
VDD + 0.3
V
VID
DC: CLK_INT, CLK_INC, FB_INT,
FB_INC
0.36
VDD + 0.6
V
Differential input
signal voltage
$
AC: CLK_INT, CLK_INC, FB_INT,
FB_INC
0.7
VDD + 0.6
V
Output differential
cross voltage
@
VOX
VDD/2 - 0.15
VDD/2 + 0.15
V
Input differential
cross voltage
VIX
VDD/2 - 0.2
VDD/2 + 0.2
V
High-level output
current
IOH
-12
mA
Low-level output
current
IOL
12
mA
Operating free-air
temperature
TA
0
85
°C
**: Unused inputs must be held high or low to prevent them from floating.
#: DC input signal voltage specifies the allowable DC execution of differential
$: Differential inputs signal voltages specify the differential voltage [VTR-VCP] required for switching where VTR is the true input
level and VCT is the complementary input level.
@: Differential cross-point voltage is expected to track variations of VDD and is the voltage at which the differential signal must be
crossing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com