Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMS3602S Datasheet(PDF) 4 Page - ON Semiconductor

Part # FDMS3602S
Description  PowerTrench짰 Power Stage 25 V Asymmetric Dual N-Channel MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS3602S Datasheet(HTML) 4 Page - ON Semiconductor

  FDMS3602S Datasheet HTML 1Page - ON Semiconductor FDMS3602S Datasheet HTML 2Page - ON Semiconductor FDMS3602S Datasheet HTML 3Page - ON Semiconductor FDMS3602S Datasheet HTML 4Page - ON Semiconductor FDMS3602S Datasheet HTML 5Page - ON Semiconductor FDMS3602S Datasheet HTML 6Page - ON Semiconductor FDMS3602S Datasheet HTML 7Page - ON Semiconductor FDMS3602S Datasheet HTML 8Page - ON Semiconductor FDMS3602S Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Typical Characteristics (Q1 N-Channel) T
J = 25°C unless otherwise noted.
Figure 1.
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
VGS = 4.5 V
VGS = 3.5 V
VGS = 3 V
VGS = 4 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
VGS = 10 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
On Region Characteristics
Figure2.
0
102030
40
0
1
2
3
4
5
6
VGS = 3 V
VGS = 3.5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
ID, DRAIN CURRENT (A)
VGS = 4 V
VGS = 4.5 V
VGS = 10 V
NormalizedOn-Resistance
vs. Drain Current and Gate Voltage
Figure3. Normalized On Resistance
-75 -50 -25
0
25
50
75 100 125 150
0.6
0.8
1.0
1.2
1.4
1.6
ID = 15 A
VGS = 10 V
TJ, JUNCTION TEMPERATURE (oC)
vs. Junction Temperature
Figure 4.
2
468
10
0
5
10
15
20
25
TJ = 125 oC
ID = 15 A
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
On-Resistance vs. Gate to
Source Voltage
Figure 5. Transfer Characteristics
12
3
4
0
10
20
30
40
TJ = 150 oC
VDS = 5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
TJ = -55 oC
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
40
TJ = -55 oC
TJ = 25 oC
TJ = 150 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs. Source Current
www.onsemi.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com