Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMS3602S Datasheet(PDF) 5 Page - ON Semiconductor

Part # FDMS3602S
Description  PowerTrench짰 Power Stage 25 V Asymmetric Dual N-Channel MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS3602S Datasheet(HTML) 5 Page - ON Semiconductor

  FDMS3602S Datasheet HTML 1Page - ON Semiconductor FDMS3602S Datasheet HTML 2Page - ON Semiconductor FDMS3602S Datasheet HTML 3Page - ON Semiconductor FDMS3602S Datasheet HTML 4Page - ON Semiconductor FDMS3602S Datasheet HTML 5Page - ON Semiconductor FDMS3602S Datasheet HTML 6Page - ON Semiconductor FDMS3602S Datasheet HTML 7Page - ON Semiconductor FDMS3602S Datasheet HTML 8Page - ON Semiconductor FDMS3602S Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Figure 7.
0
5
10
15
20
0
2
4
6
8
10
ID = 15 A
VDD = 16 V
VDD = 13 V
Qg, GATE CHARGE (nC)
VDD = 10 V
Gate Charge Characteristics
Figure8.
0.1
1
10
10
100
1000
2000
25
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
Capacitancevs.Drain
to Source Voltage
Figure9.
0.01
0.1
1
10
100
1
10
20
TJ = 100 oC
TJ = 25 oC
TJ= 125 oC
tAV, TIME IN AVALANCHE (ms)
UnclampedInductive
Switching Capability
Figure10.
25
50
75
100
125
150
0
20
40
60
80
Limited by Package
VGS = 4.5 V
RθJC = 3.5 oC/W
VGS = 10 V
TC, CASE TEMPERATURE (
oC)
MaximumContinuousDrain
Current vs. Case Temperature
Figure 11. Forward Bias Safe
Operating Area
0.01
0.1
1
10
100
0.01
0.1
1
10
100
DC
100 ms
10 ms
1 ms
1s
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY rDS(on)
SINGLE PULSE
TJ = MAX RATED
RθJA = 125 oC/W
TA = 25 oC
10s
100 μs
200
Figure12.
10-4
10-3
10-2
10-1
110
100
1000
0.5
1
10
100
1000
SINGLE PULSE
RθJA = 125 oC/W
TA = 25 oC
t, PULSE WIDTH (sec)
Single PulseMaximum
Power Dissipation
Typical Characteristics (Q1 N-Channel) T
J = 25°C unless otherwise noted.
www.onsemi.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com