Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMS3602S Datasheet(PDF) 1 Page - ON Semiconductor

Part # FDMS3602S
Description  PowerTrench짰 Power Stage 25 V Asymmetric Dual N-Channel MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS3602S Datasheet(HTML) 1 Page - ON Semiconductor

  FDMS3602S Datasheet HTML 1Page - ON Semiconductor FDMS3602S Datasheet HTML 2Page - ON Semiconductor FDMS3602S Datasheet HTML 3Page - ON Semiconductor FDMS3602S Datasheet HTML 4Page - ON Semiconductor FDMS3602S Datasheet HTML 5Page - ON Semiconductor FDMS3602S Datasheet HTML 6Page - ON Semiconductor FDMS3602S Datasheet HTML 7Page - ON Semiconductor FDMS3602S Datasheet HTML 8Page - ON Semiconductor FDMS3602S Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Publication Order
Number: FDMS3602S/D
©2011
Semiconductor Components Industries, LLC.
August-2017, Rev. 2
FDMS3602S
PowerTrench® Power Stage
25 V Asymmetric Dual N-Channel MOSFET
Features
Q1: N-Channel
Max rDS(on) = 5.6 mΩ at VGS = 10 V, ID = 15 A
Max rDS(on) = 8.1 mΩ at VGS = 4.5 V, ID = 14 A
Q2: N-Channel
Max rDS(on) = 2.2 mΩ at VGS = 10 V, ID = 26 A
Max rDS(on) = 3.4 mΩ at VGS = 4.5 V, ID = 22 A
Low inductance packaging shortens rise/fall times, resulting in
lower switching losses
MOSFET integration enables optimum layout for lower circuit
inductance and reduced switch node ringing
RoHS Compliant
General Description
This device includes two specialized N-Channel MOSFETs in a
dual PQFN package. The switch node has been internally
connected to enable easy placement and routing of synchronous
buck converters. The control MOSFET (Q1) and synchronous
SyncFETTM (Q2) have been designed to provide optimal power
efficiency.
Applications
Computing
Communications
General Purpose Point of Load
Notebook VCORE
Server
4
3
2
1
5
6
7
8
Q1
Q2
G1
D1
D1
D1
G2
S2
S2
S2
D1
PHASE
(S1/D2)
S2
S2
S2
G2
D1
D1
D1
G1
Top
Bottom
PHASE
Pin 1
Pin 1
MOSFET Maximum Ratings T
A = 25°C unless otherwise noted.
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Q1
Q2
Units
VDS
Drain to Source Voltage
25
25
V
VGS
Gate to Source Voltage
(Note 3)
±20
±20
V
ID
Drain Current
-Continuous (Package limited)
TC = 25 °C
30
40
A
-Continuous (Silicon limited)
TC = 25 °C
65
135
-Continuous
TA = 25 °C
151a
261b
-Pulsed
40
100
EAS
Single Pulse Avalanche Energy
504
1445
mJ
PD
Power Dissipation for Single Operation
TA = 25°C
2.21a
2.51b
W
Power Dissipation for Single Operation
TA = 25°C
1.01c
1.01d
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJA
Thermal Resistance, Junction to Ambient
571a
501b
°C/W
RθJA
Thermal Resistance, Junction to Ambient
1251c
1201d
RθJC
Thermal Resistance, Junction to Case
3.5
2
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
22OA
N7OC
FDMS3602S
Power 56
13”
12 mm
3000 units


Similar Part No. - FDMS3602S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS3602S FAIRCHILD-FDMS3602S Datasheet
582Kb / 15P
25 V Asymmetric Dual N-Channel MOSFET Features
More results

Similar Description - FDMS3602S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS3600S FAIRCHILD-FDMS3600S Datasheet
593Kb / 15P
PowerTrench짰 Power Stage 25 V Asymmetric Dual N-Channel MOSFET
FDMS3622S FAIRCHILD-FDMS3622S Datasheet
403Kb / 12P
PowerTrench짰 Power Stage 25V Asymmetric Dual N-Channel MOSFET
FDMS3624S FAIRCHILD-FDMS3624S Datasheet
395Kb / 12P
PowerTrench짰 Power Stage 25V Asymmetric Dual N-Channel MOSFET
FDMS3660S FAIRCHILD-FDMS3660S Datasheet
580Kb / 15P
PowerTrench짰 Power Stage Asymmetric Dual N-Channel MOSFET
FDMS3664S FAIRCHILD-FDMS3664S Datasheet
584Kb / 15P
PowerTrench짰 Power Stage Asymmetric Dual N-Channel MOSFET
FDMS3668S FAIRCHILD-FDMS3668S Datasheet
572Kb / 15P
PowerTrench짰 Power Stage Asymmetric Dual N-Channel MOSFET
FDMS3686S FAIRCHILD-FDMS3686S Datasheet
592Kb / 15P
PowerTrench짰 Power Stage Asymmetric Dual N-Channel MOSFET
FDPC8013S FAIRCHILD-FDPC8013S Datasheet
509Kb / 12P
PowerTrench짰 Power Clip 30 V Asymmetric Dual N-Channel MOSFET
FDMS3604AS FAIRCHILD-FDMS3604AS Datasheet
589Kb / 15P
PowerTrench짰 Power Stage 30 V Asymmetric Dual N-Channel MOSFET
FDMS3606AS FAIRCHILD-FDMS3606AS Datasheet
588Kb / 15P
PowerTrench Power Stage 30 V Asymmetric Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com