Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMS3602S Datasheet(PDF) 10 Page - ON Semiconductor

Part # FDMS3602S
Description  PowerTrench짰 Power Stage 25 V Asymmetric Dual N-Channel MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS3602S Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FDMS3602S Datasheet HTML 6Page - ON Semiconductor FDMS3602S Datasheet HTML 7Page - ON Semiconductor FDMS3602S Datasheet HTML 8Page - ON Semiconductor FDMS3602S Datasheet HTML 9Page - ON Semiconductor FDMS3602S Datasheet HTML 10Page - ON Semiconductor FDMS3602S Datasheet HTML 11Page - ON Semiconductor FDMS3602S Datasheet HTML 12Page - ON Semiconductor FDMS3602S Datasheet HTML 13Page - ON Semiconductor FDMS3602S Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SyncFETTM Schottky body diode
Characteristics
Fairchild’s SyncFETTM process embeds a Schottky diode in
parallel with PowerTrench MOSFET. This diode exhibits similar
characteristics to a discrete external Schottky diode in parallel
with a MOSFET. Figure 27 shows the reverse recovery
characteristic of the FDMS3602S.
Schottky barrier diodes exhibit significant leakage at high tem-
perature and high reverse voltage. This will increase the power
in the device.
0
50
100
150
200
250
-5
0
5
10
15
20
25
30
TIME (ns)
di/dt = 300 A/μs
0
5
10
15
20
25
10
-6
10
-5
10
-4
10
-3
10
-2
TJ = 125 oC
TJ = 100 oC
TJ = 25 oC
VDS, REVERSE VOLTAGE (V)
Typical Characteristics (continued)
Figure 27. FDMS3602S SyncFETTM Body
Diode Reverse Recovery Characteristic
Figure 28. SyncFETTM Body Diode Reverse
Leakage vs. Drain-Source Voltage
www.onsemi.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com