Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMS3602S Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDMS3602S
Description  PowerTrench짰 Power Stage 25 V Asymmetric Dual N-Channel MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS3602S Datasheet(HTML) 2 Page - ON Semiconductor

  FDMS3602S Datasheet HTML 1Page - ON Semiconductor FDMS3602S Datasheet HTML 2Page - ON Semiconductor FDMS3602S Datasheet HTML 3Page - ON Semiconductor FDMS3602S Datasheet HTML 4Page - ON Semiconductor FDMS3602S Datasheet HTML 5Page - ON Semiconductor FDMS3602S Datasheet HTML 6Page - ON Semiconductor FDMS3602S Datasheet HTML 7Page - ON Semiconductor FDMS3602S Datasheet HTML 8Page - ON Semiconductor FDMS3602S Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.onsemi.com
2
Electrical Characteristics T
J = 25°C unless otherwise noted.
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Symbol
Parameter
Test Conditions
Type
Min.
Typ.
Max. Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250 μA, VGS = 0 V
ID = 1 mA, VGS = 0 V
Q1
Q2
25
25
V
ΔBV
DSS
ΔT
J
Breakdown Voltage Temperature
Coefficient
ID = 250 μA, referenced to 25°C
ID = 10 mA, referenced to 25°C
Q1
Q2
20
20
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 20 V, VGS = 0 V
Q1
Q2
1
500
μA
IGSS
Gate to Source Leakage Current,
Forward
VGS = 20 V, VDS = 0 V
Q1
Q2
100
100
nA
nA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250 μA
VGS = VDS, ID = 1 mA
Q1
Q2
1
1
1.8
1.9
3
3
V
ΔV
GS(th)
ΔT
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250 μA, referenced to 25°C
ID = 10 mA, referenced to 25°C
Q1
Q2
-6
-5
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 15 A
VGS = 4.5 V, ID = 14 A
VGS = 10 V, ID = 15 A, TJ = 125°C
Q1
4.4
6.2
5.9
5.6
8.1
8.7
m
Ω
VGS = 10 V, ID = 26 A
VGS = 4.5 V, ID = 22 A
VGS = 10 V, ID = 26 A, TJ = 125°C
Q2
1.7
2.6
2.5
2.2
3.4
3.9
gFS
Forward Transconductance
VDD = 5 V, ID = 15 A
VDD = 5 V, ID = 26 A
Q1
Q2
67
132
S
Ciss
Input Capacitance
Q1
VDS = 13 V, VGS = 0 V, f = 1 MHZ
Q2
VDS = 13 V, VGS = 0 V, f = 1 MHZ
Q1
Q2
1264
3097
1680
4120
pF
Coss
Output Capacitance
Q1
Q2
340
847
450
1130
pF
Crss
Reverse Transfer Capacitance
Q1
Q2
58
138
90
210
pF
Rg
Gate Resistance
Q1
Q2
0.2
0.2
0.6
0.9
2
3
Ω
td(on)
Turn-On Delay Time
Q1
VDD = 13 V, ID = 15 A, RGEN = 6 Ω
Q2
VDD = 13 V, ID = 26 A, RGEN = 6 Ω
Q1
Q2
7.9
12
16
22
ns
tr
Rise Time
Q1
Q2
2
4.2
10
10
ns
td(off)
Turn-Off Delay Time
Q1
Q2
19
31
34
50
ns
tf
Fall Time
Q1
Q2
1.8
3.2
10
10
ns
Qg(TOT)
Total Gate Charge
VGS = 0V to 10 V
Q1
VDD = 13 V,
ID = 15 A
Q1
Q2
19
45
27
64
nC
Qg(TOT)
Total Gate Charge
VGS = 0V to 4.5 V
Q1
Q2
9
21
13
30
nC
Qgs
Gate to Source Charge
Q2
VDD = 13 V,
ID = 26 A
Q1
Q2
3.9
9.1
nC
Qgd
Gate to Drain “Miller” Charge
Q1
Q2
2.4
5.3
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com