Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMS3602S Datasheet(PDF) 13 Page - ON Semiconductor

Part # FDMS3602S
Description  PowerTrench짰 Power Stage 25 V Asymmetric Dual N-Channel MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS3602S Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FDMS3602S Datasheet HTML 7Page - ON Semiconductor FDMS3602S Datasheet HTML 8Page - ON Semiconductor FDMS3602S Datasheet HTML 9Page - ON Semiconductor FDMS3602S Datasheet HTML 10Page - ON Semiconductor FDMS3602S Datasheet HTML 11Page - ON Semiconductor FDMS3602S Datasheet HTML 12Page - ON Semiconductor FDMS3602S Datasheet HTML 13Page - ON Semiconductor FDMS3602S Datasheet HTML 14Page - ON Semiconductor FDMS3602S Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Following is a guideline, not a requirement which the PCB designer should consider:
1. Input ceramic bypass capacitors C1 and C2 must be placed close to the D1 and S2 pins of Power Stage to help reduce parasitic
inductance and high frequency conduction loss induced by switching operation. C1 and C2 show the bypass capacitors placed close
to the part between D1 and S2. Input capacitors should be connected in parallel close to the part. Multiple input caps can be connected
depending upon the application.
2. The PHASE copper trace serves two purposes; In addition to being the current path from the Power Stage package to the output
inductor (L), it also serves as heat sink for the lower FET in the Power Stage package. The trace should be short and wide enough to
present a low resistance path for the high current flow between the Power Stage and the inductor. This is done to minimize conduction
losses and limit temperature rise. Please note that the PHASE node is a high voltage and high frequency switching node with high
noise potential. Care should be taken to minimize coupling to adjacent traces. The reference layout in figure 31 shows a good balance
between the thermal and electrical performance of Power Stage.
3. Output inductor location should be as close as possible to the Power Stage device for lower power loss due to copper trace
resistance. A shorter and wider PHASE trace to the inductor reduces the conduction loss. Preferably the Power Stage should be
directly in line (as shown in figure 31) with the inductor for space savings and compactness.
4. The PowerTrench® Technology MOSFETs used in the Power Stage are effective at minimizing phase node ringing. It allows the
part to operate well within the breakdown voltage limits. This eliminates the need to have an external snubber circuit in most cases. If
the designer chooses to use an RC snubber, it should be placed close to the part between the PHASE pad and S2 pins to dampen
the high-frequency ringing.
5. The driver IC should be placed close to the Power Stage part with the shortest possible paths for the High Side gate and Low Side
gates through a wide trace connection. This eliminates the effect of parasitic inductance and resistance between the driver and the
MOSFET and turns the devices on and off as efficiently as possible. At higher-frequency operation this impedance can limit the gate
current trying to charge the MOSFET input capacitance. This will result in slower rise and fall times and additional switching losses.
Power Stage has both the gate pins on the same side of the package which allows for back mounting of the driver IC to the board. This
provides a very compact path for the drive signals and improves efficiency of the part.
6. S2 pins should be connected to the GND plane with multiple vias for a low impedance grounding. Poor grounding can create a noise
transient offset voltage level between S2 and driver ground. This could lead to faulty operation of the gate driver and MOSFET.
7. Use multiple vias on each copper area to interconnect top, inner and bottom layers to help smooth current flow and heat conduction.
Vias should be relatively large, around 8 mils to 10 mils, and of reasonable inductance. Critical high frequency components such as
ceramic bypass caps should be located close to the part and on the same side of the PCB. If not feasible, they should be connected
from the backside via a network of low inductance vias.
www.onsemi.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com