Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMS3602S Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDMS3602S
Description  PowerTrench짰 Power Stage 25 V Asymmetric Dual N-Channel MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS3602S Datasheet(HTML) 3 Page - ON Semiconductor

  FDMS3602S Datasheet HTML 1Page - ON Semiconductor FDMS3602S Datasheet HTML 2Page - ON Semiconductor FDMS3602S Datasheet HTML 3Page - ON Semiconductor FDMS3602S Datasheet HTML 4Page - ON Semiconductor FDMS3602S Datasheet HTML 5Page - ON Semiconductor FDMS3602S Datasheet HTML 6Page - ON Semiconductor FDMS3602S Datasheet HTML 7Page - ON Semiconductor FDMS3602S Datasheet HTML 8Page - ON Semiconductor FDMS3602S Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Electrical Characteristics T
J = 25°C unless otherwise noted.
Drain-Source Diode Characteristics
Notes:
1. RθJA is determined with the device mounted on a 1 in2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RθJC is guaranteed by design while RθCA is determined
by the user's board design.
2. Pulse Test: Pulse Width < 300
μs, Duty cycle < 2.0%.
3. As an N-ch device, the negative Vgs rating is for low duty cycle pulse ocurrence only. No continuous rating is implied.
4. EAS of 50 mJ is based on starting TJ = 25
oC; N-ch: L = 1 mH, I
AS = 10 A, VDD = 23 V, VGS = 10 V. 100% test at L= 0.1 mH, IAS = 22 A.
5. EAS of 144 mJ is based on starting TJ = 25
oC; N-ch: L = 1 mH, I
AS = 17 A, VDD = 23 V, VGS = 10 V. 100% test at L= 0.1 mH, IAS = 36 A.
Symbol
Parameter
Test Conditions
Type
Min.
Typ.
Max. Units
VSD
Source-Drain Diode Forward Voltage
VGS = 0 V, IS = 15 A
(Note 2)
VGS = 0 V, IS = 26 A
(Note 2)
Q1
Q2
0.8
0.8
1.2
1.2
V
trr
Reverse Recovery Time
Q1
IF = 15 A, di/dt = 100 A/s
Q2
IF = 26 A, di/dt = 300 A/s
Q1
Q2
21
28
34
44
ns
Qrr
Reverse Recovery Charge
Q1
Q2
6.6
28
13
44
nC
a. 57 °C/W when mounted on
a 1 in2 pad of 2 oz copper
c. 125 °C/W when mounted on a
minimum pad of 2 oz copper
b. 50 °C/W when mounted on
a 1 in2 pad of 2 oz copper
d. 120 °C/W when mounted on a
minimum pad of 2 oz copper
www.onsemi.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com