Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM5I9658 Datasheet(PDF) 13 Page - Alliance Semiconductor Corporation

Part # ASM5I9658
Description  3.3V 1:10 LVCMOS PLL Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9658 Datasheet(HTML) 13 Page - Alliance Semiconductor Corporation

Back Button ASM5I9658 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 13Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 14Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
July 2005
ASM5I9658
rev 0.2
3.3V 1:10 LVCMOS PLL Clock Generator
13 of 14
Notice: The information in this document is subject to change without notice.
Ordering Information
Part Number
Marking
Package Type
Operating Range
ASM5I9658-32-ER
ASM5I9658
32-pin TQFP
Industrial
ASM5I9658-32-LR
ASM5I9658
32-pin LQFP –Tape and Reel
Industrial
ASM5I9658G-32-ER
ASM5I9658G
32-pin TQFP, Green
Industrial
ASM5I9658G-32-LR
ASM5I9658G
32-pin LQFP –Tape and Reel, Green
Industrial
Device Ordering Information
ASM
5I9658
F-32-LR
Licensed under US patent #5,488,627, #6,646,463 and #5,631,920
.
O = SOT
U = MSOP
S = SOIC
E = TQFP
T = TSSOP
L = LQFP
A = SSOP
U = MSOP
V = TVSOP
P = PDIP
B = BGA
D = QSOP
Q = QFN
X = SC-70
DEVICE PIN COUNT
X= Automotive
I= Industrial
P or n/c = Commercial
(-40C to +125C)
(-40C to +85C)
(0C to +70C)
1 = Reserved
6 = Power Management
2 = Non PLL based
7 = Power Management
3 = EMI Reduction
8 = Power Management
4 = DDR support products
9 = Hi Performance
5 = STD Zero Delay Buffer
0 = Reserved
ALLIANCE SEMICONDUCTOR MIXED SIGNAL PRODUCT
PART NUMBER
F = LEAD FREE AND RoHS COMPLIANT PART
G = GREEN PACKAGE
R = Tape & reel, T = Tube or Tray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com