Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM5I9658 Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # ASM5I9658
Description  3.3V 1:10 LVCMOS PLL Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9658 Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button ASM5I9658 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
July 2005
ASM5I9658
rev 0.2
3.3V 1:10 LVCMOS PLL Clock Generator
8 of 14
Notice: The information in this document is subject to change without notice.
supply filter schemes discussed in this section should be
adequate to eliminate power supply noise related
problems in most designs.
Using the ASM5I9658 in zero-delay applications
Nested clock trees are typical applications for the
ASM5I9658. Designs using the ASM5I9658, as LVCMOS
PLL fanout buffer with zero insertion delay will show
significantly lower clock skew than clock distributions
developed from CMOS fanout buffers. The external
feedback option of the ASM59658 clock driver allows for
its use as a zero delay buffer. The PLL aligns the
feedback clock output edge with the clock input reference
edge resulting a near zero delay through the device (the
propagation delay through the device is virtually
eliminated). The maximum insertion delay of the device in
zero-delay applications is measured between the
reference clock input and any output. This effective delay
consists of the static phase offset, I/O jitter (phase or
long-term jitter), feedback path delay and the output-to-
output skew error relative to the feedback output.
Calculation of part-to-part skew
The ASM5I9658 zero delay buffer supports applications
where critical clock signal timing can be maintained
across several devices. If the reference clock inputs of
two or more ASM5I9658 are connected together, the
maximum overall timing uncertainty from the common
PCLK input to any output is:
tSK(PP) = t(φ) + tSK(O) + tPD, LINE(FB) + tJIT(φ) _ CF
This
maximum
timing
uncertainty
consist
of
4
components: static phase offset, output skew, feedback
board trace delay and I/O (phase) jitter:
Figure 4. ASM5I9658 max device-to-device skew
Due to the statistical nature of I/O jitter a RMS value (1σ)
is specified. I/O jitter numbers for other confidence factors
(CF) can be derived from Table 8.
Table 8: Confidence Factor CF
CF
Probability of clock edge within the
distribution
± 1σ
0.68268948
± 2σ
0.95449988
± 3σ
0.99730007
± 4σ
0.99993663
± 5σ
0.99999943
± 6σ
0.99999999
The feedback trace delay is determined by the board
layout and can be used to fine-tune the effective delay
through each device. In the following example calculation
a I/O jitter confidence factor of 99.7% (±3σ) is assumed,
resulting in a worst case timing uncertainty from input to
any output of -214 pS to 224 pS relative to PCLK
(fREF = 100 MHz, FB=÷4, tjit(φ)=8 pS RMS at fVCO = 400
MHz):
tSK(PP) = [–70pS...80pS] + [–120pS...120pS] +
[(8pS _ –3)...(8pS _ 3)] + tPD, LINE(FB)
tSK(PP) = [–214pS...224pS] + tPD, LINE(FB)
Due to the frequency dependence of the I/O jitter, Figure
5. can be used for a more precise timing performance
analysis.
Figure 5. Maximum I/O Jitter versus frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com