Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM5I9658 Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASM5I9658
Description  3.3V 1:10 LVCMOS PLL Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9658 Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASM5I9658 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
July 2005
ASM5I9658
rev 0.2
3.3V 1:10 LVCMOS PLL Clock Generator
4 of 14
Notice: The information in this document is subject to change without notice.
Table 3: ABSOLUTE MAXIMUM RATINGS
1
Symbol
Characteristics
Min
Max
Unit
Condition
VCC
Supply Voltage
-0.3
3.9
V
VIN
DC Input Voltage
-0.3
VCC+0.3
V
VOUT
DC Output Voltage
-0.3
VCC+0.3
V
IIN
DC Input Current
±20
mA
IOUT
DC Output Current
±50
mA
TS
Storage Temperature
-65
125
°C
Note: 1 These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Table 4: GENERAL SPECIFICATIONS
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output Termination Voltage
VCC÷2
V
MM
ESD Protection (Machine Model)
200
V
HBM
ESD Protection (Human Body Model)
2000
V
LU
Latch-Up Immunity
200
mA
CPD
Power Dissipation Capacitance
10
pF
Per output
CIN
Input Capacitance
4.0
pF
Inputs
83.1
86.0
°C/W
Natural
convection
73.3
75.4
°C/W
100 ft/min
68.9
70.9
°C/W
200 ft/min
63.8
65.3
°C/W
400 ft/min
57.4
59.6
°C/W
800 ft/min
59.0
60.6
°C/W
Natural
convection
54.4
55.7
°C/W
100 ft/min
52.5
53.8
°C/W
200 ft/min
50.4
51.5
°C/W
400 ft/min
θJA
LQFP 32 Thermal resistance junction to ambient
JESD 51-3, single layer test board
JESD 51-6, 2S2P multilayer test board
47.8
48.8
°C/W
800 ft/min
θJC
LQFP 32 Thermal resistance junction to case
23.0
26.3
°C/W
MIL-SPEC 883E
Method 1012.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com