Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM5I9658 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM5I9658
Description  3.3V 1:10 LVCMOS PLL Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9658 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM5I9658 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
July 2005
ASM5I9658
rev 0.2
3.3V 1:10 LVCMOS PLL Clock Generator
3 of 14
Notice: The information in this document is subject to change without notice.
Table 1: Pin Configuration
Pin #
Pin Name
I/O
Type
Function
6
7
PCLK,
PCLK
Input
LVPECL
LVPECL reference clock signal
2
FB_IN
Input
LVCMOS
PLL feedback signal input, connect to QFB
32
VCO_SEL
Input
LVCMOS
Operating frequency range select
3
BYPASS
Input
LVCMOS
PLL and output divider bypass select
4
PLL_EN
Input
LVCMOS
PLL enable/disable
5
MR/OE
Input
LVCMOS
Output enable/disable (high-impedance tristate) and device reset
28,26,24,
22,20,18,
16,14,12,
10
Q0-9
Output
LVCMOS
Clock outputs
30
QFB
Output
LVCMOS
Clock output for PLL feedback, connect to FB_IN
8,9,13,17
21,25,29
GND
Supply
Ground
Negative power supply (GND)
1
VCC_PLL
Supply
VCC
PLL positive power supply (analog power supply). It is recommended
to use an external RC filter for the analog power supply pin VCC_PLL.
Please see applications section for details.
11,15,19,
23,27,31
VCC
Supply
VCC
Positive power supply for I/O and core. All VCC pins must be connected
to the positive power supply for correct operation
Table 2: FUNCTION TABLE
Control
Default
0
1
PLL_EN
1
Test mode with PLL bypassed. The reference
clock (PCLK) is substituted for the internal VCO
output. ASM59658 is fully static and no minimum
frequency limit applies. All PLL related AC
characteristics are not applicable.
Selects the VCO output
1
BYPASS
1
Test mode with PLL and output dividers
bypassed. The reference clock (PCLK) is directly
routed to the outputs. ASM59658 is fully static
and no minimum frequency limit applies. All PLL
related AC characteristics are not applicable.
Selects the output dividers.
VCO_SEL
1
VCO ÷ 1 (High frequency range).
fREF = fQ0-9 =2. fVCO
VCO ÷ 2 (Low frequency range).
fREF =fQ0-9 =4.fVCO
MR/OE
0
Outputs enabled (active)
Outputs disabled (high-impedance state) and
reset of the device. During reset the PLL
feedback loop is open. The VCO is tied to its
lowest frequency. The length of the reset
pulse should be greater than one reference
clock cycle (PCLK).
Note: 1 PLL operation requires BYPASS=1 and PLL_EN=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com