Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM5I9658 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # ASM5I9658
Description  3.3V 1:10 LVCMOS PLL Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9658 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  ASM5I9658 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
July 2005
ASM5I9658
rev 0.2
3.3V 1:10 LVCMOS PLL Clock Generator
2 of 14
Notice: The information in this document is subject to change without notice.
Block Diagram
Figure 1. ASM5I9658 Logic Diagram
Pin Configuration
Figure 2. ASM5I9658 32-Lead Package Pinout (Top View)
25
26
27
28
29
30
31
32
24 23 22 21 20 19 18 17
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Q1
VCC
Q0
GND
QFB
VCC
VCO_SEL
GND
VCC
Q8
GND
Q7
VCC
Q6
Q9
GND
ASM5I9658
Q8
0
1
Q0
Q1
Q2
Q3
Q5
Q6
Q7
QFB
200-500 MHz
Ref
FB
PLL
PCLK
FB_IN
PLL_EN
BYPASS
PCLK
2-25k
VCC
Q4
÷2
0
1
÷1
÷2
0
1
VCO
&
VCC
25k
25k
VCC
3-25k
VCO_SEL
MR/OE
Q9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com