Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM5I9658 Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # ASM5I9658
Description  3.3V 1:10 LVCMOS PLL Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9658 Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button ASM5I9658 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
July 2005
ASM5I9658
rev 0.2
3.3V 1:10 LVCMOS PLL Clock Generator
6 of 14
Notice: The information in this document is subject to change without notice.
Table 6: AC CHARACTERISTICS (VCC = 3.3V ± 5%, TA = 0°C to 70°C)1
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fREF
Input reference frequency
÷2 feedback
2
PLL mode, external feedback
÷4 feedback
3
Input reference frequency in PLL bypass mode
4
100
50
0
250
125
250
MHz
MHz
MHz
PLL locked
PLL locked
fVCO
VCO operating frequency range
5
200
500
MHz
fMAX
Output Frequency
÷2 feedback
3
÷4 feedback
4
100
50
250
125
MHz
MHz
PLL locked
PLL locked
VPP
Peak-to-peak input voltage
PCLK
500
1000
mV
LVPECL
VCMR
6
Common Mode Range
PCLK
1.2
VCC-0.9
V
LEPVCL
tPW,MIN
Input Reference Pulse Width
7
2
nS
t(Ø)
Propagation Delay (static phase offset)
8 PCLK to
FB_IN
fREF=100MHz
any frequency
-70
-125
+80
+125
pS
pS
PLL locked
tPD
Propagation Delay PLL and divider bypass,
PCLK to Q0-9
1.0
4.0
nS
tsk(O)
Output-to-output Skew
9
120
pS
DC
Output duty cycle
10
(T÷2)-
400
T÷2
(T÷2)+4
00
pS
tR ,tF
Output Rise/Fall Time
0.1
1.0
nS
0.55 to 2.4V
tPLZ, HZ
Output Disable Time
7.0
nS
tPZL, LZ
Output Enable Time
6.0
nS
tJIT(CC)
Cycle-to-cycle jitter
80
pS
tJIT(PER)
Period Jitter
80
pS
tJIT(Ø)
I/O Phase Jitter
fVCO=500 MHz and ÷ 2 feedback, RMS (1σ)
11
fVCO=500 MHz and ÷ 4 feedback, RMS (1σ)
5.5
6.5
pS
pS
BW
PLL closed loop bandwidth
12 
÷2 feedback
8
PLL mode, external feedback
÷4 feedback
9
6-20
2 - 8
MHz
MHz
tLOCK
Maximum PLL Lock Time
10
mS
Note:1. AC characteristics apply for parallel output termination of 50Ω to VTT.
2. ÷2 PLL feedback (high frequency range) requires VCO_SEL=0, PLL_EN=1, BYPASS=1 and MR/OE=0.
3.÷4 PLL feedback (low frequency range) requires VCO_SEL=1, PLL_EN=1, BYPASS=1 and MR/OE=0.
4.In bypass mode, the ASM3P9658 divides the input reference clock.
5.The input frequency fREF must match the VCO frequency range divided by the feedback divider ratio FB: fREF = fVCO ÷ FB.
6.VCMR (AC) is the crosspoint of the differential input signal. Normal AC operation is obtained when the crosspoint is within the VCMR
range and the input swing lies within the VPP (AC) specification. Violation of VCMR or VPP impacts static phase offset t(Ø).
7.Calculation of reference duty cycle limits: DCREF,MIN = tPW,MIN . fREF. 100% and DCREF,MAX = 100% - DCREF,MIN.
8.Valid for fREF=50 MHz and FB=÷8 (VCO_SEL=1). For other reference frequencies: t(Ø) [pS] = 50 pS ± (1÷(120 . fREF)).
9.See application section for part-to-part skew calculation in PLL zero-delay mode.
10.Output duty cycle is DC = (0.5 ± 400 pS. fOUT) V 100%. E.g. the DC range at fOUT=100MHz is 46%<DC<54%. T = output period.
11.See application section for a jitter calculation for other confidence factors than 1 and a characteristic for other VCO frequencies.
12.-3 dB point of PLL transfer characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com