Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM5I9658 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM5I9658
Description  3.3V 1:10 LVCMOS PLL Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9658 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM5I9658 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
July 2005
ASM5I9658
rev 0.2
Alliance Semiconductor
2575 Augustine Drive
• Santa Clara, CA • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com
Notice: The information in this document is subject to change without notice.
3.3V 1:10 LVCMOS PLL Clock Generator
Features
1:10 PLL based low-voltage clock generator
Supports zero-delay operation
3.3V power supply
Generates clock signals up to 250MHz
Maximum output skew of 120pS
Differential LVPECL reference clock input
External PLL feedback
Drives up to 20 clock lines
32 lead LQFP packaging
Pin and function compatible to the MPC958 and
MPC9658
Functional Description
The ASM5I9658 is a 3.3V compatible, 1:10 PLL based
clock generator and zero-delay buffer targeted for high
performance low-skew clock distribution in mid-range to
high-performance telecom, networking and computing
applications. With output frequencies up to 250MHz and
output skews less than 120pS the device meets the needs
of the most demanding clock applications. The ASM5I9658
is specified for the temperature range of 0°C to +70°C.
The ASM5I9658 utilizes PLL technology to frequency lock
its outputs onto an input reference clock. Normal operation
of the ASM5I9658 requires the connection of the QFB
output to the feedback input to close the PLL feedback path
(external feedback). With the PLL locked, the output
frequency is equal to the reference frequency of the device
and VCO_SEL selects the operating frequency range of 50
to 125MHz or 100 to 250MHz. The two available post-PLL
dividers selected by VCO_SEL (divide-by-2 or divide-by-4)
and the reference clock frequency determines the VCO
frequency. Both must be selected to match the VCO
frequency range. The internal VCO of the ASM5I9658 is
running at either 2x or 4x of the reference clock frequency.
The ASM5I9658 has a differential LVPECL reference input
along with an external feedback input. The ASM5I9658 is
ideal for use as a zero delay, low skew fanout buffer. The
device performance has been tuned and optimized for zero
delay performance.
The PLL_EN and BYPASS controls select the PLL bypass
configuration for test and diagnosis. In this configuration,
the selected input reference clock is bypassing the PLL and
routed either to the output dividers or directly to the
outputs. The PLL bypass configurations are fully static and
the minimum clock frequency specification and all other
PLL characteristics do not apply. The outputs can be
disabled (high-impedance) and the device reset by
asserting the MR/OE pin. Asserting MR/OE also causes the
PLL to loose lock due to missing feedback signal presence
at FB_IN. Deasserting MR/OE will enable the outputs and
close the phase locked loop, enabling the PLL to recover to
normal operation.
The ASM5I9658 is fully 3.3V compatible and requires no
external loop filter components. The inputs (except PCLK)
accept LVCMOS except signals while the outputs provide
LVCMOS compatible levels with the capability to drive
terminated 50Ω transmission lines. For series terminated
transmission lines, each of the ASM5I9658 outputs can
drive one or two traces giving the devices an effective
fanout of 1:16. The device is packaged in a 7x7 mm
2
32-lead LQFP & TQFP Packages.


Similar Part No. - ASM5I9658

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I9653A ALSC-ASM5I9653A Datasheet
648Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
ASM5I9653A-32-ER ALSC-ASM5I9653A-32-ER Datasheet
648Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
ASM5I9653A-32-LR ALSC-ASM5I9653A-32-LR Datasheet
648Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
ASM5I9653AG-32-ER ALSC-ASM5I9653AG-32-ER Datasheet
648Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
ASM5I9653AG-32-LR ALSC-ASM5I9653AG-32-LR Datasheet
648Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
More results

Similar Description - ASM5I9658

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
3.3V 1:12 LVCMOS PLL Clock Generator
MPC9658 MOTOROLA-MPC9658 Datasheet
292Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
logo
Alliance Semiconductor ...
ASM5I9350 ALSC-ASM5I9350 Datasheet
473Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
ASM5I9653A ALSC-ASM5I9653A Datasheet
648Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
logo
PulseCore Semiconductor
PCS5I9350 PULSECORE-PCS5I9350 Datasheet
490Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
PCS5I9658 PULSECORE-PCS5I9658 Datasheet
613Kb / 15P
3.3V 1:10 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9330 RENESAS-MPC9330 Datasheet
348Kb / 14P
3.3V, 1:6, LVCMOS PLL Clock Generator
3/11/16
MPC9658 RENESAS-MPC9658 Datasheet
681Kb / 13P
3.3V 1:10 LVCMOS PLL Clock Generator
2019
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
3.3V 1:12 LVCMOS PLL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com