Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P516NH Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM78P516NH
Description  8-Bit Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P516NH Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM78P516NH Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
EM78P516N
8-Bit Microcontroller
Product Specification (V1.0) 04.09.2015
•••• 15
(This specification is subject to change without prior notice)
6.1.4
R3, SR (Status Register)
(Address: 03h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PS2
PS1
PS0
T
P
Z
DC
C
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7 ~ 5 (PS2 ~ 0): Page Select bits
PS2
PS1
PS0
Program memory page (Address)
0
0
0
Page 0
0
0
1
Page 1
0
1
0
Page 2
0
1
1
Page 3
1
0
0
Page 4
1
0
1
Page 5
1
1
0
Page 5
1
1
1
Page 5
PS0~PS2 are used to select a ROM page. User can use the PAGE instruction (e.g.
PAGE 1) or set PS2~PS0 bits to change the ROM page. When executing a "JMP",
"CALL", or other instructions which causes the program counter to be changed (e.g.
MOV R2, A), PS2~PS0 are loaded into the 11th and 12th bits of the program counter
where it selects one of the available program memory pages. Note that RET (RETL,
RETI) instruction does not change the PS2~PS0 bits. That is, the return will always be
to the page from where the subroutine was called, regardless of the current setting of
PS2~PS0 bits.
Bit 4 (T): Time-out bit. Set to “1” by the "SLEP" and "WDTC" commands or during
power up and reset to “0” by WDT timeout.
Event
T
P
Remark
WDT wake up from sleep mode
0
0
−
WDT time out (not sleep mode)
0
1
−
/RESET wake up from sleep
1
0
−
Power up
1
1
−
Low pulse on /RESET
1
1
××××: don't care
Bit 3 (P): Power down bit. Set to “1” during power on or by a "WDTC" command and
reset to “0” by a "SLEP" command.
Bit 2 (Z): Zero flag
Bit 1 (DC): Auxiliary Carry flag
Bit 0 (C): Carry flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com