Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P516NH Datasheet(PDF) 24 Page - ELAN Microelectronics Corp

Part # EM78P516NH
Description  8-Bit Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P516NH Datasheet(HTML) 24 Page - ELAN Microelectronics Corp

Back Button EM78P516NH Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 28Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 98 page
background image
EM78P516N
8-Bit Microcontroller
18
••••
Product Specification (V1.0) 04.09.2015
(This specification is subject to change without prior notice)
Bits 6 ~ 5 (DS1 ~ DS0): LCD duty select
DS1
DS0
LCD Duty
0
0
1/2 duty
0
1
1/3 duty
1
×
1/4 duty
Bit 4 (LCDEN): LCD enable bit
LCDEN = "0": LCD circuit disabled. All common/segment outputs are set to
ground (GND) level.
LCDEN = "1": LCD circuit enabled.
Bit 3: Not used
Bit 2 (LCDTYPE): LCD drive waveform type select bit
LCDTYPE = "0": A type waveform
LCDTYPE = "1": B type waveform
Bits 1 ~ 0 (LCDF1~LCDF0): LCD frame frequency control bits
LCDF1
LCDF0
LCD Frame Frequency (e.g. Fs=32.768kHz)
1/2 Duty
1/3 Duty
1/4 Duty
0
0
Fs/(256
×2)=64.0
Fs/(172
×3)=63.5
Fs/(128
×4)=64.0
0
1
Fs/(280
×2)=58.5
Fs/(188
×3)=58.0
Fs/(140
×4)=58.5
1
0
Fs/(304
×2)=53.9
Fs/(204
×3)=53.5
Fs/(152
×4)=53.9
1
1
Fs/(232
×2)=70.6
Fs/(156
×3)=70.0
Fs/(116
×4)=70.6
Note: Fs: sub-oscillator frequency
6.1.11 Bank 0 RA, LCD_ADDR (LCD Address)
(Address: 0Ah)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
LCD_A4
LCD_A3
LCD_A2
LCD_A1
LCD_A0
-
-
-
R/W
R/W
R/W
R/W
R/W
Bits 7~5: Not used, fixed at “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com