Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P516NH Datasheet(PDF) 49 Page - ELAN Microelectronics Corp

Part # EM78P516NH
Description  8-Bit Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P516NH Datasheet(HTML) 49 Page - ELAN Microelectronics Corp

Back Button EM78P516NH Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 53Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 98 page
background image
EM78P516N
8-Bit Microcontroller
Product Specification (V1.0) 04.09.2015
•••• 43
(This specification is subject to change without prior notice)
6.4 I/O Ports
The I/O registers, (Port 5, Port 6, Port 7 and Port 8), are bi-directional tri-state I/O ports.
Port 6 and Port 8 are pulled-high internally by software; Port 6 is also pulled-low internally
by software. Furthermore, Port 6 has its open-drain output also through software. Port 6
and Port 8 features an input status changed interrupt (or wake-up) function and is
pulled-high by software. Each I/O pin can be defined as "input" or "output" pin by the I/O
control register (IOC50 ~ IOC80). The I/O registers and I/O control registers are both
readable and writable. The I/O interface circuits are shown in Figure 6-5.
Note: Open-drain, pull-high, and pull down are not shown in the figure.
Figure 6-5 Circuit of I/O Port and I/O Control Register for Port 5 ~ 8
6.5 Reset and Wake-up
A reset can be activated by
POR (Power-on Reset)
WDT timeout (if enabled)
/RESET pin goes to low
Note: The reset circuit is always enabled. It will reset the CPU at 1.7V.
Once a reset occurs, the following functions are performed
The oscillator is running, or will be started
The program counter (R2/PC) is set to all "0"
All I/O port pins are configured as input mode (high-impedance state)
The TCC/Watchdog timer and prescaler are cleared
When power is on, the Bits 5 and 6 of R3 and the upper two bits of R4 are
cleared.
Bits of the IOC71 register are set to all "1" except for Bit 6 (INT flag)
For other registers, see Table 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com