Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P516NH Datasheet(PDF) 39 Page - ELAN Microelectronics Corp

Part # EM78P516NH
Description  8-Bit Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P516NH Datasheet(HTML) 39 Page - ELAN Microelectronics Corp

Back Button EM78P516NH Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 43Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
EM78P516N
8-Bit Microcontroller
Product Specification (V1.0) 04.09.2015
•••• 33
(This specification is subject to change without prior notice)
6.2.7 IOCA0, RAM_DB (128 Bytes RAM Data Buffer)
(Address: 0Ah, Bit 0 of R5 = “0”)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RAM_D7
RAM_D6
RAM_D5
RAM_D4
RAM_D3
RAM_D2
RAM_D1
RAM_D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~0: 128 bytes RAM data transfer register
6.2.8 IOCB0, CNT1PR (Counter 1 Preset Register)
(Address: 0Bh, Bit 0 of R5 = “0”)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 7 ~ Bit 0: These are Counter 1 buffers which user can read and write. Counter 1 is
an 8-bit down-count timer with 8-bit prescaler used to preset the counter and read the
preset value. The prescaler is set by the IOC91 register. After an interrupt, it will auto
reload the preset value.
6.2.9 IOCC0, CNT2PR (Counter 2 Preset Register)
(Address: 0Ch, Bit 0 of R5 = “0”)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 7 ~ Bit 0: These are Counter 2 buffers which user can read and write. Counter 2 is
an 8-bit down-count timer with 8-bit prescaler used to preset the counter and read the
preset value. The prescaler is set by IOC91 register. After an interrupt, it will reload the
preset value.
When IR output is enabled, this control register can obtain carrier frequency output.
If the Counter 2 clock source is equal to FT ,
then
Carrier frequency (Fcarrier) =
prescaler
*
)
1
+
value
_
preset
(
*
2
F
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com