Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P516NH Datasheet(PDF) 35 Page - ELAN Microelectronics Corp

Part # EM78P516NH
Description  8-Bit Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P516NH Datasheet(HTML) 35 Page - ELAN Microelectronics Corp

Back Button EM78P516NH Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 39Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 98 page
background image
EM78P516N
8-Bit Microcontroller
Product Specification (V1.0) 04.09.2015
•••• 29
(This specification is subject to change without prior notice)
6.1.23
Bank 1 RB, ADISR (ADC Input Channel and Internal
Reference Selection Register)
(Address: 0Bh)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
VREFS
VREF2
VREF1
VREF0
ADIS3
ADIS2
ADIS1
ADIS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 7 (VREFS): The input source of the Vref of the ADC
0: The Vref of the ADC is connected to internal reference voltage (default
value), and the P56/TCC/VREF pin carries out the function of P56/TCC.
: The Vref of the ADC is connected to P56/TCC/VREF
Bits 6~4 (VREF2~0): ADC internal reference voltage source
VREF[2:0]
ADC Internal Reference Voltage
000
VDD
001
4.0V ± 1%
010
3.0V ± 1%
011
2.5V ± 1%
1xx
2.0V ± 1%
Bits 3~0 (ADIS3~0): ADC input channel selection bits
ADIS[3:0]
Selected
Channel
ADIS[3:0]
Selected
Channel
0000
ADC0
1000
ADC8
0001
ADC1
1001
ADC9
0010
ADC2
1010
ADC10
0011
ADC3
1011
ADC11
0100
ADC4
1100
ADC12
0101
ADC5
1101
ADC13
0110
ADC6
1110
ADC14
0111
ADC7
1111
1/2 VDD PowerDet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com