Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P516NH Datasheet(PDF) 60 Page - ELAN Microelectronics Corp

Part # EM78P516NH
Description  8-Bit Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P516NH Datasheet(HTML) 60 Page - ELAN Microelectronics Corp

Back Button EM78P516NH Datasheet HTML 56Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 57Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 58Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 59Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 60Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 61Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 62Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 63Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 64Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 98 page
background image
EM78P516N
8-Bit Microcontroller
54
••••
Product Specification (V1.0) 04.09.2015
(This specification is subject to change without prior notice)
With this LSI, each individual interrupt source has its own interrupt vector as depicted in
Table 3. Before the interrupt subroutine is executed, the contents of the ACC and the
R3 register are initially saved by the hardware. After the interrupt service routine is
completed, the ACC and R3 are restored. The existing interrupt service routine does
not allow other interrupt service routine to be executed. Hence, if other interrupts occur
while an existing interrupt service routine is being executed, the hardware will save the
later interrupts. Only after the existing interrupt service routine is completed that the
next interrupt service routine is executed.
Fig. 6-13 Interrupt Back-up Diagram
Table 3 Interrupt Vector
Interrupt Vector
Interrupt Status
0003H
TCC overflow interrupt.
0006H
External interrupt P5.4/INT0 pin
0009H
External interrupt P5.5/INT1 pin
000CH
Counter 1 underflow interrupt
000FH
Counter 2 underflow interrupt
0012H
High-pulse width timer underflow interrupt
0015H
Low-pulse width timer underflow interrupt
0018H
Port 6, Port 8 input status change wake up
001BH
AD conversion complete interrupt
ACC
R3
STACKACC
STACKR3
Interrupt Source
ENI / DISI
Interrupt
Occurs
RETI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com