Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P516NH Datasheet(PDF) 85 Page - ELAN Microelectronics Corp

Part # EM78P516NH
Description  8-Bit Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P516NH Datasheet(HTML) 85 Page - ELAN Microelectronics Corp

Back Button EM78P516NH Datasheet HTML 81Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 82Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 83Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 84Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 85Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 86Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 87Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 88Page - ELAN Microelectronics Corp EM78P516NH Datasheet HTML 89Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 98 page
background image
EM78P516N
8-Bit Microcontroller
Product Specification (V1.0) 04.09.2015
•••• 79
(This specification is subject to change without prior notice)
Ta= -40
°C ~85°C, VDD=5.0V, GND=0V
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
IOH3
High Drive Current
(Ports 5 ~ 8)
VOH = 2.4V (IROCS=”0”)
−
-20
−
mA
IOL3
High Sink Current
(Ports 5 and 6)
VOL = 0.4V (IROCS=”0”)
−
20
−
mA
IPH
Pull-high current
Pull-high active, input pin at GND
-55
-75
-95
µA
IPL
Pull-low current
Pull-low active, input pin at VDD
55
75
95
µA
ISB
Sleep mode current
All input and I/O pins at VDD,
Output pin floating,
WDT disabled
−
0.5
1.5
µA
ICC1
Idle mode current
/RESET= 'High', CPU OFF,
Sub-oscillator clock (32.768kHz)
ON, output pin floating,
LCD enabled, no load
−
14
18
µA
ICC2
Green mode current
/RESET= 'High', CPU ON,
Sub-oscillator clock (32.768kHz),
Output pin floating,
WDT enabled, LCD enabled
−
22
30
µA
ICC3
Normal mode
/RESET= 'High', Fosc = 4 MHz
(Crystal type, CLKS="0"),
Output pin floating
−
2.2
3
mA
ICC4
Normal mode
/RESET= 'High', Fosc = 10 MHz
(Crystal type, CLKS="0"),
Output pin floating
−
3.1
4
mA
9
AD Converter Characteristics
Vdd=2.5V to 5.5V, Vss=0V, Ta=-40 to 85°C
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VAREF
Analog reference
voltage
VAREF - VASS
≥ 2.5V
2.5
−
Vdd
V
VASS
Vss
−
Vss
V
VAI
Analog input voltage
−
VASS
−
VAREF
V
IAI1
Ivdd
Analog supply current
VDD=VAREF=5.0V,
VASS = 0.0V
(V reference from Vdd)
−
−
1400
µA
Ivref
−
−
10
µA
IAI2
Ivdd
Analog supply current
VDD=VAREF=5.0V,
VASS = 0.0V (V reference from
VREF)
−
−
900
µA
IVref
−
−
500
µA
RN1
Resolution
ADREF=0, Internal VDD
VDD=5.0V, VSS = 0.0V
−
9
10
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com