Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTPM20P Datasheet(PDF) 19 Page - Microchip Technology

Part # ATTPM20P
Description  Trusted Platform Module (TPM) 2.0 - SPI Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTPM20P Datasheet(HTML) 19 Page - Microchip Technology

Back Button ATTPM20P Datasheet HTML 14Page - Microchip Technology ATTPM20P Datasheet HTML 15Page - Microchip Technology ATTPM20P Datasheet HTML 16Page - Microchip Technology ATTPM20P Datasheet HTML 17Page - Microchip Technology ATTPM20P Datasheet HTML 18Page - Microchip Technology ATTPM20P Datasheet HTML 19Page - Microchip Technology ATTPM20P Datasheet HTML 20Page - Microchip Technology ATTPM20P Datasheet HTML 21Page - Microchip Technology ATTPM20P Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Product Identification System
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
Device
-XX
Temp Range
XXX
Package Code
-XX
Mfg ID
(-X)
Shipping Option
Device:
ATTPM20P: TPM 2.0 Cryptographic processor with SPI Interface
Temperature Range
G3
Commercial Range 0°C to +70°C
H3
Industrial Range -40°C to +85°C
Package Options
MA1
8-Pad 2 x 3 x 0.6 mm Body, Thermally Enhanced
Plastic Ultra Thin Dual Flat NoLead Package (UDFN)
MFG Code
-10
Pre-generated Endorsement Key
Tape and Reel Options
Tape and Reel in 3K quantity
PIS Examples:
ATTPM20P-G3MA1-10
ATTPM20P SPI Device, Commercial Temp Range, UDFN Package, Pre-
generated Endorsement Key, 3K Tape and Reel
ATTPM20P-H3MA1-10
ATTPM20P SPI Device, Industrial Temp Range, UDFN Package, Pre-
generated Endorsement Key, 3K Tape and Reel
PIS Notes:
1.
No Special code for 3K Tape and Reel.
Microchip Devices Code Protection Feature
Note the following details of the code protection feature on Microchip devices:
•
Microchip products meet the specification contained in their particular Microchip Data Sheet.
•
Microchip believes that its family of products is one of the most secure families of its kind on the
market today, when used in the intended manner and under normal conditions.
•
There are dishonest and possibly illegal methods used to breach the code protection feature. All of
these methods, to our knowledge, require using the Microchip products in a manner outside the
operating specifications contained in Microchip’s Data Sheets. Most likely, the person doing so is
engaged in theft of intellectual property.
•
Microchip is willing to work with the customer who is concerned about the integrity of their code.
•
Neither Microchip nor any other semiconductor manufacturer can guarantee the security of their
code. Code protection does not mean that we are guaranteeing the product as “unbreakable.”
Code protection is constantly evolving. We at Microchip are committed to continuously improving the
code protection features of our products. Attempts to break Microchip’s code protection feature may be a
violation of the Digital Millennium Copyright Act. If such acts allow unauthorized access to your software
or other copyrighted work, you may have a right to sue for relief under that Act.
ATTPM20P
© 2018 Microchip Technology Inc.
Datasheet Summary
DS40002082A-page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com