Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTPM20P Datasheet(PDF) 13 Page - Microchip Technology

Part # ATTPM20P
Description  Trusted Platform Module (TPM) 2.0 - SPI Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTPM20P Datasheet(HTML) 13 Page - Microchip Technology

Back Button ATTPM20P Datasheet HTML 9Page - Microchip Technology ATTPM20P Datasheet HTML 10Page - Microchip Technology ATTPM20P Datasheet HTML 11Page - Microchip Technology ATTPM20P Datasheet HTML 12Page - Microchip Technology ATTPM20P Datasheet HTML 13Page - Microchip Technology ATTPM20P Datasheet HTML 14Page - Microchip Technology ATTPM20P Datasheet HTML 15Page - Microchip Technology ATTPM20P Datasheet HTML 16Page - Microchip Technology ATTPM20P Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
7.
Package Drawings
7.1
8 Pin UDFN Package Drawing
B
A
0.10 C
0.10 C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
12
N
2X
TOP VIEW
SIDE VIEW
NOTE 1
12
N
0.10
C A B
0.10
C A B
0.10 C
0.08 C
Microchip Technology Drawing C04-21355-Q4B Rev A Sheet 1 of 2
2X
8X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
8-Lead Ultra Thin Plastic Dual Flat, No Lead Package (Q4B) - 2x3 mm Body [UDFN]
Atmel Legacy YNZ Package
© 2017 Microchip Technology Inc.
D
E
D2
E2
K
L
8X b
e
e
2
0.10
C A B
0.05
C
A
(A3)
A1
BOTTOM VIEW
ATTPM20P
Package Drawings
© 2018 Microchip Technology Inc.
Datasheet Summary
DS40002082A-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com