Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTPM20P Datasheet(PDF) 14 Page - Microchip Technology

Part # ATTPM20P
Description  Trusted Platform Module (TPM) 2.0 - SPI Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTPM20P Datasheet(HTML) 14 Page - Microchip Technology

Back Button ATTPM20P Datasheet HTML 10Page - Microchip Technology ATTPM20P Datasheet HTML 11Page - Microchip Technology ATTPM20P Datasheet HTML 12Page - Microchip Technology ATTPM20P Datasheet HTML 13Page - Microchip Technology ATTPM20P Datasheet HTML 14Page - Microchip Technology ATTPM20P Datasheet HTML 15Page - Microchip Technology ATTPM20P Datasheet HTML 16Page - Microchip Technology ATTPM20P Datasheet HTML 17Page - Microchip Technology ATTPM20P Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
© 2017 Microchip Technology Inc.
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Exposed Pad Width
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E2
A3
e
L
E
N
0.50 BSC
0.152 REF
1.20
0.35
0.18
0.50
0.00
0.25
0.40
1.30
0.55
0.02
3.00 BSC
MILLIMETERS
MIN
NOM
8
1.40
0.45
0.30
0.60
0.05
MAX
K-
0.20
-
Terminal-to-Exposed-Pad
Overall Length
Exposed Pad Length
D
D2
1.40
2.00 BSC
1.50
1.60
Microchip Technology Drawing C04-21355-Q4B Rev A Sheet 2 of 2
8-Lead Ultra Thin Plastic Dual Flat, No Lead Package (Q4B) - 2x3 mm Body [UDFN]
Atmel Legacy YNZ Package
ATTPM20P
Package Drawings
© 2018 Microchip Technology Inc.
Datasheet Summary
DS40002082A-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com