Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTPM20P Datasheet(PDF) 1 Page - Microchip Technology

Part # ATTPM20P
Description  Trusted Platform Module (TPM) 2.0 - SPI Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTPM20P Datasheet(HTML) 1 Page - Microchip Technology

  ATTPM20P Datasheet HTML 1Page - Microchip Technology ATTPM20P Datasheet HTML 2Page - Microchip Technology ATTPM20P Datasheet HTML 3Page - Microchip Technology ATTPM20P Datasheet HTML 4Page - Microchip Technology ATTPM20P Datasheet HTML 5Page - Microchip Technology ATTPM20P Datasheet HTML 6Page - Microchip Technology ATTPM20P Datasheet HTML 7Page - Microchip Technology ATTPM20P Datasheet HTML 8Page - Microchip Technology ATTPM20P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
ATTPM20P
Trusted Platform Module (TPM) 2.0 - SPI Interface
Introduction
The Microchip ATTPM20P is a fully integrated security cryptoprocessor designed to be integrated into
personal computers, embedded systems and IoT platforms. It implements version 2.0 of the Trusted
Computing Group
® (TCG) specification for Trusted Platform Modules (TPM).
Features
•
Compliant to the Trusted Computing Group (TCG) Trusted Platform Module (TPM) Version 2.0,
r116 Trusted Platform Module Library
•
Single-Chip Turnkey Solution
•
Hardware Asymmetric Crypto Engine
•
Microchip ARM
® M0+Microprocessor
•
Internal FLASH Storage for Keys
•
Serial Peripheral Interface (SPI) Protocol up to 36 MHz
•
Secure Hardware and Firmware Design and Device Layout
•
FIPS-140-2 Module Compliant Including the High-Quality Random Number Generator (RNG),
HMAC, AES, SHA, ECC, and RSA Engines
•
8-pad UDFN Package for the Industry Smallest TPM 2.0 Device
•
Offered in Commercial (0°C to +70°C) Temperature Range 1.8V to 3.3V Supply Voltage
•
Offered in Industrial (-40°C to +85°C) Temperature Range 3.3V Supply Voltage
•
Cryptographic Support for:
–
HMAC
–
AES-128
–
SHA-1
–
SHA-256
–
ECC BN_P256, ECCNIST_P256
–
RSA 1024-2048 bit keys
•
16 KB of User-Accessible Nonvolatile Memory
•
X.509 EK Certificates (Optional)
•
Pre-Generated Endorsement Keys
This is a summary document. A
complete document is available under
NDA. For more information, please
contact your local Microchip sales
office.
© 2018 Microchip Technology Inc.
Summary Datasheet
DS40002082A-page 1


Similar Part No. - ATTPM20P

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATTP1A ANALOGTECHNOLOGIES-ATTP1A Datasheet
514Kb / 8P
Temperature Plate Assembly
1/29/2022
ATTP2 ANALOGTECHNOLOGIES-ATTP2 Datasheet
299Kb / 3P
Temperature Plate Assembly
1/29/2022
More results

Similar Description - ATTPM20P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19WP18 STMICROELECTRONICS-ST19WP18 Datasheet
48Kb / 5P
Trusted Platform Module (TPM)
May-2004
logo
ATMEL Corporation
AT97SC3203 ATMEL-AT97SC3203 Datasheet
216Kb / 8P
Trusted Platform Module
logo
List of Unclassifed Man...
SSX35 ETC1-SSX35 Datasheet
240Kb / 14P
Trusted platform module (TPM)
logo
STMicroelectronics
ST19NP18-TPM STMICROELECTRONICS-ST19NP18-TPM Datasheet
82Kb / 5P
Trusted Platform Module (TPM)
05-Oct-2006
logo
Axiomtek Co., Ltd.
SBC86860 AXIOMTEK-SBC86860 Datasheet
190Kb / 1P
TPM 1.2 trusted platform
logo
ATMEL Corporation
AT97SC3204 ATMEL-AT97SC3204_14 Datasheet
300Kb / 8P
Trusted Platform Module LPC Interface
AT97SC3205 ATMEL-AT97SC3205_14 Datasheet
322Kb / 10P
Trusted Platform Module ??SPI Interface
AT97SC3205T ATMEL-AT97SC3205T Datasheet
324Kb / 10P
Trusted Platform Module I2C Interface
logo
Nuvoton Technology Corp...
NPCT42X NUVOTON-NPCT42X Datasheet
292Kb / 25P
Trusted Platform Module (TPM)
logo
Infineon Technologies A...
SLM9670AQ2.0 INFINEON-SLM9670AQ2.0 Datasheet
542Kb / 24P
Trusted Platform Module
Revision 1.0 2019-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com