Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTPM20P Datasheet(PDF) 6 Page - Microchip Technology

Part # ATTPM20P
Description  Trusted Platform Module (TPM) 2.0 - SPI Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTPM20P Datasheet(HTML) 6 Page - Microchip Technology

Back Button ATTPM20P Datasheet HTML 2Page - Microchip Technology ATTPM20P Datasheet HTML 3Page - Microchip Technology ATTPM20P Datasheet HTML 4Page - Microchip Technology ATTPM20P Datasheet HTML 5Page - Microchip Technology ATTPM20P Datasheet HTML 6Page - Microchip Technology ATTPM20P Datasheet HTML 7Page - Microchip Technology ATTPM20P Datasheet HTML 8Page - Microchip Technology ATTPM20P Datasheet HTML 9Page - Microchip Technology ATTPM20P Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
2.
Block Diagram
Figure 2-1. Block Diagram
ROM
Program
Flash
Program
ARM
®
32-bit RISC
CPU
SRAM*
Flash*
Data
CRYPTO
Engine
GPIO
SPI
Interface
Physical
Security
Circuitry
MOSI
MISO
SPI_CLK
SPI_CS#
PIRQ#
SPI_RST
#
GPIO
Express-00
PP/GPIO
Note: GPIO Pins are
not available in
UDFN-8 Package
Note: * SRAM and Flash Data are
not accessible by user.
RNG
Timer
Random Number Generator
The ATTPM20P includes a hardware Random Number Generator (RNG), configured as a FIPS
Deterministic Random Bit Generator (DRBG) that is used for key generation and TCG protocol functions.
The RNG is also available to the system to generate random numbers that may be needed during normal
operation.
Physical Security
The ATTPM20P has voltage and temperature tampers, an active shield and other physical security
measures built into the device.
TCG Documentation
The ATTPM20P has been designed to be compliant with the Trusted Computing Group TPM 2.0
specification. Full documentation for TCG primitives can be found in the TCG Trusted Platform Module
Library, Parts 1 to 3, on the TCG website: https://www.trustedcomputinggroup.org. TPM features specific
ATTPM20P
Block Diagram
© 2018 Microchip Technology Inc.
Datasheet Summary
DS40002082A-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com