Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTPM20P Datasheet(PDF) 5 Page - Microchip Technology

Part # ATTPM20P
Description  Trusted Platform Module (TPM) 2.0 - SPI Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTPM20P Datasheet(HTML) 5 Page - Microchip Technology

  ATTPM20P Datasheet HTML 1Page - Microchip Technology ATTPM20P Datasheet HTML 2Page - Microchip Technology ATTPM20P Datasheet HTML 3Page - Microchip Technology ATTPM20P Datasheet HTML 4Page - Microchip Technology ATTPM20P Datasheet HTML 5Page - Microchip Technology ATTPM20P Datasheet HTML 6Page - Microchip Technology ATTPM20P Datasheet HTML 7Page - Microchip Technology ATTPM20P Datasheet HTML 8Page - Microchip Technology ATTPM20P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
...........continued
Pin
Pin Type
Description
PIRQ#
Open Drain
Output
SPI Interrupt Pin, active-low. This pin is used by the TPM to assert
interrupts. If unused, this pin should be tied to ground directly or
through a 4.7 kΩ resistor.
SPI_CLK
Clock Input
Input Clock to drive the SPI bus. This pin should be asserted high
for power savings when the TPM is not in use.
SPI_CS#
Input
SPI_CS# Chip Select, active-low. The TPM device will be selected
when the chip select is asserted LOW.
SPI_RST#
Input
SPI Reset Pin, active-low. Pulsing this signal low resets the internal
state of the TPM, and is equivalent to removal/restoration of power
to the device. The required minimum reset pulse width is 2 µs. On
power-up, it is critical that reset be kept active-low until VCC and
SPI_CLK stabilize. To be compliant with TCG requirements, this pin
needs to be tied to system reset. TPM_Init is indicated by asserting
this pin.
ATTPM20P
Pin Configurations and Pinouts
© 2018 Microchip Technology Inc.
Datasheet Summary
DS40002082A-page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com