Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTPM20P Datasheet(PDF) 4 Page - Microchip Technology

Part # ATTPM20P
Description  Trusted Platform Module (TPM) 2.0 - SPI Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTPM20P Datasheet(HTML) 4 Page - Microchip Technology

  ATTPM20P Datasheet HTML 1Page - Microchip Technology ATTPM20P Datasheet HTML 2Page - Microchip Technology ATTPM20P Datasheet HTML 3Page - Microchip Technology ATTPM20P Datasheet HTML 4Page - Microchip Technology ATTPM20P Datasheet HTML 5Page - Microchip Technology ATTPM20P Datasheet HTML 6Page - Microchip Technology ATTPM20P Datasheet HTML 7Page - Microchip Technology ATTPM20P Datasheet HTML 8Page - Microchip Technology ATTPM20P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
1.
Pin Configurations and Pinouts
Table 1-1. Pin Configuration
Pin Name
Function
VCC
3.3V Supply Voltage
GND
Ground
MISO
SPI Slave Data Output
MOSI
SPI Slave Data Input
PIRQ#
SPI Interrupt Requests
SPI_CLK
SPI Clock Input
SPI_CS#
SPI Chip Select
SPI_RST#
SPI Reset Pin
Figure 1-1. 8-Pad UDFN Pinout Diagram
SPI_CS#
MISO
SPI_RST#
GND
VCC
PIRQ#
SPI_CLK
MOSI
8-pad UDFN
2.0 x 3.0 mm Body
(Top View)
1
2
3
4
8
7
6
5
Table 1-2. Pin Descriptions
Pin
Pin Type
Description
VCC
Power
Power Supply, 3.3V. Proper decoupling is required.
GND
Power
System Ground.
MISO
Output
Master In Slave Out. This pin serves as the SPI Data Output from
the TPM.
MOSI
Input
Master Out Slave In. This pin serves as the SPI Data Input to the
TPM.
ATTPM20P
Pin Configurations and Pinouts
© 2018 Microchip Technology Inc.
Datasheet Summary
DS40002082A-page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com