Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS161HFTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # IPS161HFTR
Description  Single channel high-side switches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS161HFTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button IPS161HFTR Datasheet HTML 7Page - STMicroelectronics IPS161HFTR Datasheet HTML 8Page - STMicroelectronics IPS161HFTR Datasheet HTML 9Page - STMicroelectronics IPS161HFTR Datasheet HTML 10Page - STMicroelectronics IPS161HFTR Datasheet HTML 11Page - STMicroelectronics IPS161HFTR Datasheet HTML 12Page - STMicroelectronics IPS161HFTR Datasheet HTML 13Page - STMicroelectronics IPS161HFTR Datasheet HTML 14Page - STMicroelectronics IPS161HFTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
6
Protection and diagnostic
The IC integrates several protections to ease the design of a robust application.
6.1
Undervoltage lock-out
The device turns off if the supply voltage falls below the turn-off threshold (VUV(off)). Normal operation restarts
after VCC exceeds the turn-on threshold (VUV(on)). Turn-on and turn-off thresholds are defined in Table 4. Supply.
6.2
Overtemperature
The output stage turns off when its internal junction temperature (TJ) exceeds the shutdown threshold TJSD.
Normal operation restarts when TJ comes back below the reset threshold (TJSD - TJHYST), see Table 8. Protection
and diagnostic. The internal fault signal is set when the channel is off due to thermal protection and it is reset
when the junction triggers the reset threshold. This same behavior is signaled on the DIAG pin.
6.3
Cut-off
The IC can limit the output current at the power stage by its embedded output current limitation circuit.
This circuit continuously monitor the output current and, when load is increasing, at the triggering of its activation
threshold (Ipk) it starts limiting to ILIM limitation level: while current limitation is active the IC enters an high
dissipation status.
The IPS160HF implements the cut-off feature which limits the duration of the current limitation condition.
The duration of the current limitation condition (Tcoff) can be set by a capacitor (CCoD) placed between CoD and
GND pins. The design rule for CCoD is:
tcoff[us] ±35% = 50 x Ccod[nF]
The ±35% drift is guaranteed in the range of 10 nF < Ccod < 100 nF; lower capacitance than 10 nF can be used.
If ILIM threshold is triggered, the output stage remains in the current limitation condition (IOUT = ILIM) no longer
than tCOFF. If tCOFF elapses, the output stage turns off and restarts after the tRES restart time.
Thermal shutdown protection has higher priority than cut-off:
•
IC is forced off if TJSD is triggered before tCOFF elapses
•
if TJSD is triggered, IC is maintained off even after the tRES has elapsed and until the TJ falls below TJSD-
TJHYST
IPS160HF, IPS161HF
Protection and diagnostic
DS13271 - Rev 2
page 11/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com