Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS161HFTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # IPS161HFTR
Description  Single channel high-side switches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS161HFTR Datasheet(HTML) 3 Page - STMicroelectronics

  IPS161HFTR Datasheet HTML 1Page - STMicroelectronics IPS161HFTR Datasheet HTML 2Page - STMicroelectronics IPS161HFTR Datasheet HTML 3Page - STMicroelectronics IPS161HFTR Datasheet HTML 4Page - STMicroelectronics IPS161HFTR Datasheet HTML 5Page - STMicroelectronics IPS161HFTR Datasheet HTML 6Page - STMicroelectronics IPS161HFTR Datasheet HTML 7Page - STMicroelectronics IPS161HFTR Datasheet HTML 8Page - STMicroelectronics IPS161HFTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
2
Pin description
Figure 2. Pin connection (top view)
1
2
3
4
5
6
TAB=Vcc
12
11
10
9
8
7
VCC
IN
DIAG
CoD
NC
NC
OUT
OUT
OUT
OUT
VCC
GND
GIPG1702151321LM
Table 1. Pin configuration
Number
Name
Function
Type
1, 12, TAB VCC
Device supply voltage
Supply
2
IN
Channel input
Input
3
DIAG Common diagnostic pin for thermal shutdown, cut-off and open load
Output open
drain
4
CoD
Cut-off delay pin, cannot be left floating.
Connected to GND by 1 kΩ resistor to disable the cut-off function. Connect to a CCoD
capacitor to set the cut-off delay see Table 8. Protection and diagnostic
Input
5, 6
NC
Not connected
7
GND
Device ground
Ground
8, 9, 10, 11 OUT
Channel power stage output
Output
IN
This pin drives the output stage to pin OUT. IN pin has internal weak pull-down resistors, see
Table 7. Logic inputs.
OUT
Output power transistor is in high-side configuration, with active clamp for fast demagnetization.
DIAG
This pin is used for diagnostic purposes and is internally wired to an open drain transistor. The
open drain transistor is turned on in case of junction thermal shutdown, cut-off, or open load in
off-state.
IPS160HF, IPS161HF
Pin description
DS13271 - Rev 2
page 3/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com