Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS161HFTR Datasheet(PDF) 26 Page - STMicroelectronics

Part # IPS161HFTR
Description  Single channel high-side switches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS161HFTR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button IPS161HFTR Datasheet HTML 19Page - STMicroelectronics IPS161HFTR Datasheet HTML 20Page - STMicroelectronics IPS161HFTR Datasheet HTML 21Page - STMicroelectronics IPS161HFTR Datasheet HTML 22Page - STMicroelectronics IPS161HFTR Datasheet HTML 23Page - STMicroelectronics IPS161HFTR Datasheet HTML 24Page - STMicroelectronics IPS161HFTR Datasheet HTML 25Page - STMicroelectronics IPS161HFTR Datasheet HTML 26Page - STMicroelectronics IPS161HFTR Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 2
Figure 2.
Pin connection (top view) ............................................................. 3
Figure 3.
Reverse polarity ................................................................... 4
Figure 4.
Timing in normal operation ........................................................... 7
Figure 5.
Propagation delay at start-up .......................................................... 8
Figure 6.
Current limitation and cut-off.......................................................... 12
Figure 7.
Open load off-state ................................................................ 13
Figure 8.
VCC disconnection ................................................................ 14
Figure 9.
GND disconnection ................................................................ 15
Figure 10.
Active clamp equivalent principle schematic ............................................... 16
Figure 11.
Fast demag waveforms ............................................................. 17
Figure 12.
Typical demagnetization energy (single pulse) at VCC = 24 V and TAMB = 125 °C ..................... 18
Figure 13.
PowerSSO12 package outline ........................................................ 20
Figure 14.
PowerSSO12 recommended footprint ................................................... 21
Figure 15.
PowerSSO12 tape packing information [mm] .............................................. 22
Figure 16.
PowerSS012 reel packing information [mm] ............................................... 22
IPS160HF, IPS161HF
List of figures
DS13271 - Rev 2
page 26/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com